전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

APW8855 데이터시트(HTML) 7 Page - Anpec Electronics Coropration

부품명 APW8855
상세내용  High Current, High Frequency 7 Outputs Voltage Regulator and Power Management IC for High Performance Tablet and Ultra Notebook Applications
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo 

APW8855 데이터시트(HTML) 7 Page - Anpec Electronics Coropration

Zoom Inzoom in Zoom Outzoom out
/ 43 page
 7 / 43 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2015
APW8855
www.anpec.com.tw
7
10.2 Bill of Materials
De signator
Qu antity
Va lue
Description
Pa ckag e
Refere nce
Part Number
MFR
C1 , C2, C3,
C8 , C9, C1 0, C17,
C1 8, C21 , C22,
C3 7, C38 , C39,
C4 0
14
22u F
Cap , Ceramic, 1 0V,
X5 R, 10%
12 06
GRM31CR61A 226K E19#
Mur ata
C3 1
1
22u F
Cap , Ceramic, 6.3V,
X7 R, 10%
12 06
GRM31CR70J22 6KE 19#
Mur ata
C4 , C5, C11, C12 ,
C2 5, C26 , C36
7
10u F
Cap , Ceramic, 3 5V,
X5 R, 10%
,
12 06
GRM31CR6YA10 6KA12
#
Mur ata
C2 3,C2 4,C3 2,C3 3
4
10u F
Cap , Ceramic, 6.3V,
X5 R, 10%
12 06
GRM319R60 J1 06K E19#
Mur ata
C1 5,C1 6,C1 9,C2 0
4
47u F
Cap , Ceramic, 6.3V,
X5 R, 20%
12 06
GRM31CR60J47 6ME19#
Mur ata
C6 , C13,C27
3
1uF
Cap , Ceramic, 1 0V,
X5 R, 10%
08 05
GRM219R61 A10 5KA 01#
Mur ata
C7 ,C14 ,C28
3
0.1uF
Cap , Ceramic, 1 0V,
X7 R, 20%
06 03
LLL1 85R71A 104 MA 01#
Mur ata
C3 0
1
1uF
Cap , Ceramic, 3 5V,
X7 R, 10%
08 05
GRM219R7YA1 05K A12#
Mur ata
C2 9
1
1uF
Cap , Ceramic, 6.3V,
X5 R, 10%
06 03
GRM188R60 J1 05K A01#
Mur ata
C3 4, C35
2
4.7uF
Cap , Ceramic, 1 0V,
X5 R, 10%
12 06
GRM319R61 A47 5KA 01#
Mur ata
C4 1, C42 , C43
3
220 uF
Cap , POS CAP, 1 0V,
20%
18 12
10TPE 220MIL
P anaso nic
L1
1
2.2uH
Indu ctor, S MD Fl at
Wire Coils-SDB,
sh ieldin g,
13.97mOh m
06 30,
6.76mm x
6.56mm x
3.1mm
XAL6 030 -222ME B
Coi lcr aft
L2
1
1.0uH
Indu ctor, S MD Fl at
Wire Coils-SDB,
sh ieldin g, 6.18mO hm
06 30,
6.76mm x
6.56mm x
3.1mm
XAL6 030 -102ME B
Coi lcr aft
L3,L4, L5
3
0.47uH
Indu ctor, S MD Fl at
Wire Coils-SDB,
sh ieldin g, 6.38mO hm
06 30,
7.5mm x
7.5mm x
1.5mm
XFL701 5-47 1MEB
Coi lcr aft
R1 , R2, R3, R6,
R7 , R8, R9, R10
8
50kOh m
RES , 5% ,
04 02
R4 , R5
2
1kOhm
RES , 5% ,
04 02
R11,R12,R13
3
0Oh m
RES , 5% ,
04 02
Q1, Q2, Q 3
3
-
P owe r Stag e
TQFN4x4-23
APW8 703
A NPEC
Q4
1
-
P MIC
TDFN4 x4- 32
APW8 855
A NPEC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn