전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

APW8855 데이터시트(HTML) 12 Page - Anpec Electronics Coropration

부품명 APW8855
상세내용  High Current, High Frequency 7 Outputs Voltage Regulator and Power Management IC for High Performance Tablet and Ultra Notebook Applications
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo 

APW8855 데이터시트(HTML) 12 Page - Anpec Electronics Coropration

Zoom Inzoom in Zoom Outzoom out
/ 43 page
 12 / 43 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2015
APW8855
www.anpec.com.tw
12
13.1 Regulator Table
S ymbol
P arame ter
5V_ ALW_LDO
3 V3_ ALW _LDO
Unit
V IN
Inpu t Voltage
VVSYS
V VSYS
V
Defau lt Outpu t Voltage
5.06
3.3
VOUT
O utput Voltag e Ran ge
4.5~5.5
2 .9~4
V
I
OUT
Con tin uous Output Current
1 00
1 00
mA
CIN
Inpu t Capacitor
10
10
µF
COUT
O utput Cap acito r
4.7
4.7
µF
Table 4. LDO Regulators 5V_ALW_LDO, 3V3_ALW_LDO


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn