전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

APW8855 데이터시트(HTML) 16 Page - Anpec Electronics Coropration

부품명 APW8855
상세내용  High Current, High Frequency 7 Outputs Voltage Regulator and Power Management IC for High Performance Tablet and Ultra Notebook Applications
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo 

APW8855 데이터시트(HTML) 16 Page - Anpec Electronics Coropration

Zoom Inzoom in Zoom Outzoom out
/ 43 page
 16 / 43 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2015
APW8855
www.anpec.com.tw
16
13.4 VR3 Electrical Characteristics
AP W8855 (VR3)
S ymbol
P arame ter
Test Conditions
Min
Typ
Max
Unit
PWM CONTRO LLE R
S witchi ng Fr eque ncy
A ccu racy
De fa ult is 2MHz
-
±10
%
Ma ximum Duty Cycl e
90
9 3
96
%
Min imum Co ntrollab le On
Time
-
6 0
10 0
n s
Hig h-side MOS FE T On
Re sistance
V1V8_ALW_IN=5V
5 5
L ow-side MOS FE T On
Re sistance
V1V8_ALW_IN=5V
4 0
Inp ut L eakage Curre nt
VR3 is off, V1V8_ALW_IN=5.5V
1
µA
L X Leakag e Cu rrent
V1V8_ALW_LX =5.5V, V1V8_ALW_IN=5.5V
1
µA
Ze ro Cu rrent Offset
-5
5
mV
PWM OUTPUT V OLTEGE
O utput Vo ltag e Accuracy
TA = 25
°C
-
±0.8
%
O utput Vo ltag e Load
Re gulation
±0.2
%
L oad Transient Drop Volta ge
Tr=200n s, IOUT=0 .81 A to 3A, Refer to the
typical circuit
-3
%
L oad Transient Overshoo t
Vo ltag e
Tf=200n s, IOUT=3A to 0.81 A, Refer to the
typical circuit
+3
%
O utput Step Ramp Rate
A ccu racy
-1 0
+1 0
%
O utput Vo ltag e S oft-start Rate
9
1 0
11
mV/
µs
O utput Dischar ge Re sistance
CTL=0V
1 0
Ω
Fe edback Leakag e Cu rrent
V1V8_ALW_FBP = 5.5V
-
-
10 0
nA
PRO TE CTION
Un der-voltage P rotectio n
( UV P)
65
7 0
75
%
UV P Deb ounce Time
-
2
-
µs
O ver-voltage Pro te ction
( OVP )
12 5
130
13 5
%
O VP Debo unce Time
2
-
µs
IOCP3
Hig h-side MOS FE T
O ver-curre nt-
P rotection(O CP )
4
5
6
A
O CP De boun ce TIme
2
µs
Th ermal Shu tdo wn P rotection
TJ Rising
150
?
These specifications apply over V
VSYS = 12V, VOUT = 1.8V, TA = 25
oC, unless otherwise noted.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn