전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

APW8855 데이터시트(PDF) 19 Page - Anpec Electronics Coropration

부품명 APW8855
부품 상세설명  High Current, High Frequency 7 Outputs Voltage Regulator and Power Management IC for High Performance Tablet and Ultra Notebook Applications
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8855 데이터시트(HTML) 19 Page - Anpec Electronics Coropration

Back Button APW8855 Datasheet HTML 15Page - Anpec Electronics Coropration APW8855 Datasheet HTML 16Page - Anpec Electronics Coropration APW8855 Datasheet HTML 17Page - Anpec Electronics Coropration APW8855 Datasheet HTML 18Page - Anpec Electronics Coropration APW8855 Datasheet HTML 19Page - Anpec Electronics Coropration APW8855 Datasheet HTML 20Page - Anpec Electronics Coropration APW8855 Datasheet HTML 21Page - Anpec Electronics Coropration APW8855 Datasheet HTML 22Page - Anpec Electronics Coropration APW8855 Datasheet HTML 23Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2015
APW8855
www.anpec.com.tw
19
13.6 VR5 Electrical Characteristics
These specifications apply over V
VSYS = 12V, VOUT = 0.95V, TA = 25
oC, unless otherwise noted.
AP W8855 (VR5)
S ymbol
P arame ter
Test Conditions
Min
Typ
Max
Unit
PWM GATE DRIV ER
S witchi ng Fr eque ncy
A ccu racy
VIN=5 .5 to 20V, VOUT=2.6V to 4V
-
±15
%
Min imum Off Time
200
n s
Min imum Co ntrollab le On
Time
6 0
80
n s
P WM S ink Resista nce
1 5
20
Ω
P WM S ource Resistance
1 5
20
Ω
P WM L eakage Curre nt
VVDDP_ALW_PWM=5.5V
10 0
nA
PRO TE CTION
Un der-voltage P rotectio n
( UV P)
65
7 0
75
%
UV P Deb ounce Time
-
2
-
µs
O ver-voltage Pro te ction
( OVP )
12 5
130
13 5
%
O VP Debo unce Time
2
-
µs
EFFICIENCY
VOUT=0 .9 5V, IO UT=5mA to 10mA,
DCR<10mΩ
8 7
%
VOUT=0 .9 5V, IO UT=50mA to 500 mA ,
DCR<10mΩ
8 7
%
VOUT=0 .9 5V, IO UT=3A, DCR<1 0mΩ
8 6
%
Efficiency (Re fe r to th e typical
cir cu it)
VOUT=0 .9 5V, IO UT=8A, DCR<1 0mΩ
8 6
%
13.7 VR6 Electrical Characteristics
These specifications apply over V
LDO_RTC_IN = 3.3V, TA = 25
oC, unless otherwise noted.
AP W8855 (VR6)
S ymbol
P arame ter
Test Conditions
Min
Typ
Max
Unit
SUP PLY V OLTAGE
Inp ut B ias Curr ent
-
1
2
µA
REG ULATOR OUTP UT
O utput Vo ltag e
IOUT=4 .5
µA
1 .425
1.500
1.575
V
O utput Cu rrent Capabi lity
4.5
µA
O utput No ise
f=100 to 100kHz
100
µVRMS
P ower-S upply Rejection
Ra tio n (PSRR)
f=10kHz
40
dB
O utput Vo ltag e S oft-start
Time
1
ms


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn