전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

APW8855 데이터시트(HTML) 20 Page - Anpec Electronics Coropration

부품명 APW8855
상세내용  High Current, High Frequency 7 Outputs Voltage Regulator and Power Management IC for High Performance Tablet and Ultra Notebook Applications
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo 

APW8855 데이터시트(HTML) 20 Page - Anpec Electronics Coropration

Zoom Inzoom in Zoom Outzoom out
/ 43 page
 20 / 43 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2015
APW8855
www.anpec.com.tw
20
13.8 VR7 Electrical Characteristics
These specifications apply over V
5V_ALW = 5.06V, VVDD_FCH_S5 = 0.78V, TA = 25
oC, unless otherwise noted.
AP W8855 (VR7)
S ymbol
P arame ter
Test Conditions
Min
Typ
Max
Unit
REG ULATOR OUTP UT
O utput Vo ltag e Accuracy
TA = 25
°C
-
-
±1
%
O utput Vo ltag e Load
Re gulation
IO UT=0.06A to 0.2A
±0.5
%
O utput Load Transient Dr op
Vo ltag e
Tr=1us, IOUT=0 .06 A to 0.2A, Refer to the
typical circuit
-8.5
%
O utput Load Transient
O vershoot Volta ge
Tf=1us, IOUT=0.2A to 0.06A , Refer to the
typical circuit
+8.5
%
Dro pout Volta ge
IOUT=2 00mA
2 5
50
mV
O utput Dischar ge Re sistance
1 0
Ω
O utput No ise
f=100 to 100kHz
100
µVRMS
P ower-S upply Rejection
Ra tio n (PSRR)
f=10kHz
40
dB
Cu rrent Limit
300
400
50 0
mA
Un der Voltage Pro tection
( UV P)
45
5 0
55
%
O utput Vo ltag e S oft-start Rate
9
1 0
11
mV/
µs
SWITCH OUTPUT
S witch On Resista nce
1 0
20
O ver Cu rrent-P rotectio n
2
2.5
A
Inp ut L eakage Curre nt
VVDD_FCH_S5_REFIN=5.5V
1
µA
CONTRO L LOG IC
Ri sin g
1.0
1 .2
S 5_MUX Input Logic
Th reshold
Fa lling
0.6
0.8
V
Fr om switch to LDO
0 .78
Tran sition Thre sh old fr om
S witch to LDO
Fr om L DO to switch
0.8
V
S 5_MUX Input Leakag e
Cu rrent
V
S5_MUX= 5V
1
uA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn