전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

APW8855 데이터시트(HTML) 22 Page - Anpec Electronics Coropration

부품명 APW8855
상세내용  High Current, High Frequency 7 Outputs Voltage Regulator and Power Management IC for High Performance Tablet and Ultra Notebook Applications
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo 

APW8855 데이터시트(HTML) 22 Page - Anpec Electronics Coropration

Zoom Inzoom in Zoom Outzoom out
/ 43 page
 22 / 43 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2015
APW8855
www.anpec.com.tw
22
13.10 I2C Electrical Characteristics
Timing characteristics for I2C Interface signals over recommended operating conditions (unless otherwise noted)
High Speed
Fa st Speed Plus
Fast Speed
Unit
Sym bol
Param eter
Min.
M ax.
Min.
Max.
Min.
Max.
fSCL
Frequ ency, SCL
3 .4
1
0.4
MHz
tW(H)
Pul se Dura tio n, S CL High
60
26 0
6 00
ns
tW(L)
Pul se Dura tio n, S CL Lo w
16 0
50 0
130 0
ns
tr
Rise Time , SCL and SDA
10
40
1 20
20+0.1
CL(pF)
3 00
ns
tf
Fall Time, SCL an d S DA
10
80
1 20
20+0.1
CL(pF)
3 00
ns
tsetup1
Setup Time, S CL to SDA
10
1 00
ns
thold1
Hold Time, S CL to SDA
0
0
ns
t(buf)
Bus Free Time B etwe en Stop and S ta rt
Condi tio n
50 0
130 0
ns
tsetup2
Setup Time, S CL to Start Co ndition
16 0
6 00
thold2
Hold Time, S tar t condition to SCL
16 0
6 00
tsetup3
Setup Time, S CL to Stop Cond iti on
16 0
6 00
CL
Loa d Ca pacitance fo r E ach B us L ine
10 0
4 00
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn