전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

APW8855 데이터시트(PDF) 23 Page - Anpec Electronics Coropration

부품명 APW8855
부품 상세설명  High Current, High Frequency 7 Outputs Voltage Regulator and Power Management IC for High Performance Tablet and Ultra Notebook Applications
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8855 데이터시트(HTML) 23 Page - Anpec Electronics Coropration

Back Button APW8855 Datasheet HTML 19Page - Anpec Electronics Coropration APW8855 Datasheet HTML 20Page - Anpec Electronics Coropration APW8855 Datasheet HTML 21Page - Anpec Electronics Coropration APW8855 Datasheet HTML 22Page - Anpec Electronics Coropration APW8855 Datasheet HTML 23Page - Anpec Electronics Coropration APW8855 Datasheet HTML 24Page - Anpec Electronics Coropration APW8855 Datasheet HTML 25Page - Anpec Electronics Coropration APW8855 Datasheet HTML 26Page - Anpec Electronics Coropration APW8855 Datasheet HTML 27Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2015
APW8855
www.anpec.com.tw
23
14.1 Register Map
14.Register Description
Channel
Registe r Name
Regis ter Address
Re ad/Write/Re ad O nly
S tate
De fault Value
5V _ALW DAC
0x01
R/W
0x6d
V R1
5V _ALW Con tro l
0x02
R/W
0x08
3V 3_ALW DA C
0x03
R/W
0x15
V R2
3V 3_ALW Co ntrol
0x04
R/W
0x08
1V 8_ALW DA C
0x05
R/W
0x24
V R3
1V 8_ALW Co ntrol
0x06
R/W
0x04
1V 5_ALW DA C
0x07
R/W
0x47
V R4
1V 5_ALW Co ntrol
0x08
R/W
0x04
VDDP_ ALW DAC
0x09
R/W
0x2e
V R5
VDDP_ ALW Control
0x0A
R/W
0x08
VDD_FCH_S5 DAC
0x0B
R/W
0x1d
V R7
VDD_FCH_S5 Control
0x0 C
R/W
0x00
Ther mal
Therma l Rep ort
0x2 C
R
-
POK
PO K Blankin g Time
0x26
R/W
0x7d
ID
Version ID
0xF0
R
0x00


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn