전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

APW8855 데이터시트(HTML) 24 Page - Anpec Electronics Coropration

부품명 APW8855
상세내용  High Current, High Frequency 7 Outputs Voltage Regulator and Power Management IC for High Performance Tablet and Ultra Notebook Applications
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo 

APW8855 데이터시트(HTML) 24 Page - Anpec Electronics Coropration

Zoom Inzoom in Zoom Outzoom out
/ 43 page
 24 / 43 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2015
APW8855
www.anpec.com.tw
24
Addres s
0x0 2
Fie ld Na me
5 V_ALW CONTRO L [7: 0]
Data B it
D7
D6
D5
D4
D3
D2
D1
D0
Bit Na me
5 V_A LW_S LEW
5V _ALW _FSW _SEL
5 V_A LW__
SE L
5V _ALW__
EN
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
Po wer O n De fa ult
Reserved
0
0
1
0
0
0
Bit Name
Bit Definition
5V _ALW __EN
0: V R1 o ff (De fau lt)
1: V R1 o n
5V _ALW __SEL
0: V R1 o n/off i s controlle d by CTL (Defaul t)
1: V R1 o n/off i s controlle d by 5V _ALW _EN State
5V _ALW _FSW_SE L
00 : FSW = 1.0MHz at PWM mod e.
01 : FSW = 0.6MHz at PWM mod e.
10 : FSW = 0.8MHz at PWM mod e. (Defau lt)
11 : FSW = 1.2MHz a t PWM mode.
5V _ALW _SLEW
00 : Transition sl ew ra te = 1 0mV/us. (Default)
01 : Transition sl ew ra te = 1 5mV/us.
10 : Transition sl ew ra te = 2 0mV/us.
11 : Tra nsitio n sle w rate = 25mV /u s
14.2 VR1 Register Table
Addres s
0x01
Fie ld Na me
5 V_ALW DAC [7:0]
Data B it
D7
D6
D5
D4
D3
D2
D1
D0
Bit Na me
5V _ALW _VS EL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Po wer O n De fa ult
0
1
1
0
1
1
0
1
Bit Name
Bit Definition
5V _ALW _VSE L
0 0h : shutdown
5 1h : V R1 &V5V_ALW_LDO Voltage = 45 00mV.
5 2h : V R1 &V5V_ALW_LDO Voltage = 45 20mV.
5 3h : V R1 &V5V_ALW_LDO Voltage = 40 40mV.
6 dh : V R1 &V
5V_ ALW_L DO Voltage = 50 60mV (Default )
….
8 3h : V R1 &V
5V_ ALW_L DO Voltage = 55 00mV.
8 4h ~ ffh: Re served.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn