전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

APW8855 데이터시트(HTML) 27 Page - Anpec Electronics Coropration

부품명 APW8855
상세내용  High Current, High Frequency 7 Outputs Voltage Regulator and Power Management IC for High Performance Tablet and Ultra Notebook Applications
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8855 데이터시트(HTML) 27 Page - Anpec Electronics Coropration

Back Button APW8855 데이터시트 HTML 23Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 24Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 25Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 26Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 27Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 28Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 29Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 30Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 31Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2015
APW8855
www.anpec.com.tw
27
14.5 VR4 Register Table
Addres s
0x07
Fie ld Na me
1V5 _ALW DAC [7:0]
Data B it
D7
D6
D5
D4
D3
D2
D1
D0
Bit Na me
1 V5_ ALW_ VSE L
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Po wer O n De fa ult
0
1
0
0
0
1
1
1
Bit Name
Bit Definition
1V 5_ALW_VS EL
0 0h : shutdown
0 1h : V R4 Voltage = 8 00mV.
0 2h : V R4 Voltage = 8 10mV.
0 3h : V R4 Voltage = 8 20mV.
4 7h : V R4 Voltage = 1 500mV (Default)
….
7 9h : V R4 Voltage = 2 000mV.
8 0h~ffh : Reserved
Address
0 x08
Field Name
V 1V5 _ALW CO NTROL [7:0]
Da ta B it
D7
D6
D5
D4
D3
D2
D1
D0
Bit Name
1V 5_A LW_S LEW
1V 5_ALW_FSW _SEL
1V 5_A LW_
_S EL
1V5 _ALW_
_E N
Re ad/Write
R/W
R/W
R/W
R/W
R/W
R/W
Power On Defaul t
Reser ved
0
0
0
1
0
0
Bit Na me
Bit De finition
1V5 _ALW __EN
0 : VR4 off (Default)
1 : VR4 on
1V5 _ALW __SEL
0 : VR4 on/off is con tro lled by CTL (Defa ult)
1 : VR4 on/off is con tro lled by 1V5_A LW_ EN State
1V5 _ALW _FSW_SE L
0 0 : FSW = 3.0 MHz at PW M mode.
0 1 : FSW = 2.0 MHz at PW M mode. (Default)
1 0 : FSW = 1.0 MHz at PW M mode.
11 : FSW = 4.0MHz at P WM mod e.
1V5 _ALW _SLEW
0 0 : Tran si tio n slew rate = 10mV /us. ( De fa ult)
0 1 : Tran si tio n slew rate = 15mV /us.
1 0 : Tran si tio n slew rate = 20mV /us.
11: Transition slew r ate = 25mV/us


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn