전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

APW8855 데이터시트(HTML) 29 Page - Anpec Electronics Coropration

부품명 APW8855
상세내용  High Current, High Frequency 7 Outputs Voltage Regulator and Power Management IC for High Performance Tablet and Ultra Notebook Applications
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8855 데이터시트(HTML) 29 Page - Anpec Electronics Coropration

Back Button APW8855 데이터시트 HTML 25Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 26Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 27Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 28Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 29Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 30Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 31Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 32Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 33Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2015
APW8855
www.anpec.com.tw
29
14.7 VR6 Register Table
Address
0x0B
Field Name
V DD_ FCH_S 5 DAC [7 :0]
Da ta B it
D7
D6
D5
D4
D3
D2
D1
D0
Bit Name
V DD_ FCH_S 5_VS EL
Re ad/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Power On Defaul t
0
0
0
1
1
1
0
1
Bit Na me
Bit De finition
VDD_FCH_ S5_V SEL
00 h : shutdown
01 h : VR7 Voltage = 50 0mV.
02 h : VR7 Voltage = 51 0mV.
03 h : VR7 Voltage = 52 0mV.
1d h : VR7 Voltage = 78 0mV (De fa ult)
….
65 h : VR7 Voltage = 15 00mV.
66 h~ffh : Reserved
Address
0x0C
Field Name
V DD_FCH_S 5 CO NTROL [7:0]
Da ta B it
D7
D6
D5
D4
D3
D2
D1
D0
Bit Name
V DD_FCH
_ S5_ SEL
VDD_FCH
_S5_ EN
Re ad/Write
R/W
R/W
Power On Defaul t
Reser ved
Reserved
0
0
Bit Na me
Bit De finition
VDD_FCH_ S5_E N
0 : VR7 off (Default)
1 : VR7 on
VDD_FCH_ S5_S EL
0 : VR7 on/off is con tro lled by CTL. (Defa ult)
1 : VR7 on/off is con tro lled by VDD_ FCH_S 5_EN State.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn