전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

APW8855 데이터시트(HTML) 3 Page - Anpec Electronics Coropration

부품명 APW8855
상세내용  High Current, High Frequency 7 Outputs Voltage Regulator and Power Management IC for High Performance Tablet and Ultra Notebook Applications
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo 

APW8855 데이터시트(HTML) 3 Page - Anpec Electronics Coropration

 
Zoom Inzoom in Zoom Outzoom out
/ 43 page
 3 / 43 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2015
APW8855
www.anpec.com.tw
3
4.Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines
“Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
A P W 8855
P a ck age C o de
O p e ra ting A m b ie n t T e m p e ra tu re R an ge
I : -4 0 to 85
o C
H an d ling C o de
TR : T ape & R eel
A s se m b ly M a te rial
H an d lin g C ode
Te m pe ra tu re R an ge
P a c ka ge C o de
G : H a lo gen an d L e ad F re e D e vice
A ss e m b ly M a te rial
Q B : T Q F N 4 x4 -32A
X - D a te C o de
A P W 8855
Q B:
A P W 8855
XX X XX
.
5.Pin Configuration
21
20
19
18
17
22
2
3
4
5
6
1
31 30 29 28 27
32
10 11 12 13 14
9
QFN4x4-32A
Top View
7
8
15 16
23
24
26 25
5V_ALW_LDO
5V_ALW_BYP
5V_ALW_FBP
5V_ALW_PWM
1V5_ALW_IN
1V5_ALW_LX
1V5_ALW_PGND
1V5_ALW_FBP
3V3_ALW_LDO
3V3_ALW_BYP
3V3_ALW_FBP
3V3_ALW_PWM
1V8_ALW_IN
1V8_ALW_LX
1V8_ALW_PGND
1V8_ALW_FBP
Exposed Pad


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn