전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

APW8855 데이터시트(HTML) 30 Page - Anpec Electronics Coropration

부품명 APW8855
상세내용  High Current, High Frequency 7 Outputs Voltage Regulator and Power Management IC for High Performance Tablet and Ultra Notebook Applications
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo 

APW8855 데이터시트(HTML) 30 Page - Anpec Electronics Coropration

Zoom Inzoom in Zoom Outzoom out
/ 43 page
 30 / 43 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2015
APW8855
www.anpec.com.tw
30
14.8 Thermal Report Register Table
Address
0x2C
Field Name
THE RMAL RE PORT[7:0]
Da ta B it
D7
D6
D5
D4
D3
D2
D1
D0
Bit Name
THE RMAL REP ORT
Re ad/Write
R
R
R
R
R
Power On Defaul t
Reser ved
-
-
-
-
-
Bit Na me
Bit De finition
Th ermal Repo rt
00 000 : - 10
00 001 : -5
00 010 : 0
01 000 : 30
11110 : 1 40
11111 : 145
Address
0x 26
Field Name
P OK BLANKING TIME [7 :0]
Da ta B it
D7
D6
D5
D4
D3
D2
D1
D0
Bit Name
PO K BLANK ING TIME
Re ad/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Power On Defaul t
0
1
1
1
1
1
0
1
Bit Nam e
Bit De finition
POK B lanking Time
00 h : 320 us
01 h : 328 us
02 h : 336 us
7d h : 132 0us ( De fau lt)
….
ffh : 2 360u s
14.9 POK BLANKING Time Register Table
Address
0x F0
Field Name
V ERSION ID [7:0]
Da ta B it
D7
D6
D5
D4
D3
D2
D1
D0
Bit Name
VE RS IO N ID [7:0]
Re ad/Write
R
R
R
R
R
R
R
R
Ve rsion A Defa ult
0
0
0
0
0
0
0
0
Bit Na me
Bit De finition
VERSION ID
V ERSION ID
00 h:Ve rson A
14.10 Version ID Register


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn