전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

APW8855 데이터시트(PDF) 34 Page - Anpec Electronics Coropration

부품명 APW8855
부품 상세설명  High Current, High Frequency 7 Outputs Voltage Regulator and Power Management IC for High Performance Tablet and Ultra Notebook Applications
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8855 데이터시트(HTML) 34 Page - Anpec Electronics Coropration

Back Button APW8855 Datasheet HTML 30Page - Anpec Electronics Coropration APW8855 Datasheet HTML 31Page - Anpec Electronics Coropration APW8855 Datasheet HTML 32Page - Anpec Electronics Coropration APW8855 Datasheet HTML 33Page - Anpec Electronics Coropration APW8855 Datasheet HTML 34Page - Anpec Electronics Coropration APW8855 Datasheet HTML 35Page - Anpec Electronics Coropration APW8855 Datasheet HTML 36Page - Anpec Electronics Coropration APW8855 Datasheet HTML 37Page - Anpec Electronics Coropration APW8855 Datasheet HTML 38Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2015
APW8855
www.anpec.com.tw
34
15.2 I2C Function Description(Cont.)
Master to Slave
Slave to Master
S
7bit Slave
Address
A
8bit
Address
A
R/W
Reg .Address
‘0’
7'h6E
Sr
7bit Slave
Address
7'h6E
Reg. First
Byte Data
A
A
P
Reg. Last
Byte Data
A
8bit Data
8bit Data
R/W
‘1’
A= Acknowledge ( SDA LOW )
A=
Not Acknowledge
( SDA HIGH )
P = STOP Condition
S= START Condition
Sr=
Repeated START Condition
Figure 4. I2C Fast Speed / Fast Speed Plus Multiple Byte Read
Master to Slave
Slave to Master
Sr
7bit Slave
Address
A
8bit
Address
A
R/W
Reg. Address
‘0’
7'h6E
8bit
Data
P
A
S 8bit Master Code
“0000 1XXX”
Fast Speed
(400kHz)
High Speed
(3.4MHz)
A= Acknowledge ( SDA LOW )
A=
Not Acknowledge
( SDA HIGH )
P= STOP Condition
S= START Condition
Sr=
Repeated START Condition
Reg. Data
A
Figure 5. I2C High Speed Single Byte Write
Master to Slave
Slave to Master
A= Acknowledge ( SDA LOW)
A= Not Acknowledge ( SDA HIGH)
S= START Condition
P= STOP Condition
Sr=Repeated Start Condition
S 8bit Master Code
“0000 1XXX”
7'h 6E
Fast Speed
(400kHz)
High Speed
(3.4MHz)
A Sr 7bit Slave
Address
A
8bit
Address A
R/W
.
Reg.
Address
‘0’
Reg. First
Byte Data
A
P
Reg. Last
Byte Data
A
8bit
Data
8bit
Data
Figure 6. I2C High Speed Multiple Byte Write


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn