전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

APW8855 데이터시트(HTML) 35 Page - Anpec Electronics Coropration

부품명 APW8855
상세내용  High Current, High Frequency 7 Outputs Voltage Regulator and Power Management IC for High Performance Tablet and Ultra Notebook Applications
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8855 데이터시트(HTML) 35 Page - Anpec Electronics Coropration

Back Button APW8855 데이터시트 HTML 31Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 32Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 33Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 34Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 35Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 36Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 37Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 38Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 39Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2015
APW8855
www.anpec.com.tw
35
15.2 I2C Function Description(Cont.)
Figure 7. I2C High Speed Single Byte Read
Figure 8. I2CHigh Speed Multiple Byte Read
Master to Slave
Slave to Master
Sr
7bit Slave
Address
A
8bit
Address
A
R/W
Reg. Address
‘0’
7'h6E
Sr
7bit Slave
Address
7'h6E
8bit
Data
P
A
A
R/W
‘1’
S 8bit Master Code
“0000 1XXX”
Fast Speed
(400kHz)
High Speed
(3.4MHz)
A= Acknowledge ( SDA LOW )
A=
Not Acknowledge
( SDA HIGH )
P= STOP Condition
S= START Condition
Sr=
Repeated START Condition
Reg. Data
A
Master to Slave
Slave to Master
A= Acknowledge ( SDA LOW)
A= Not Acknowledge ( SDA HIGH)
S= START Condition
P= STOP Condition
Sr=Repeated Start Condition
S 8bit Master Code
“0000 1XXX”
7'h 6E
Fast Speed
(400kHz)
High Speed
(3.4MHz)
A Sr 7bit Slave
Address
A
8bit
Address A
R/W
.
Reg.
Address
‘0’
Sr 7bit Slave
Address
7'h 6E
Reg. First
Byte Data
A
A
P
Reg. Last
Byte Data
A
8bit
Data
8bit
Data
R/W
‘1’


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn