전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

APW8855 데이터시트(HTML) 4 Page - Anpec Electronics Coropration

부품명 APW8855
상세내용  High Current, High Frequency 7 Outputs Voltage Regulator and Power Management IC for High Performance Tablet and Ultra Notebook Applications
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8855 데이터시트(HTML) 4 Page - Anpec Electronics Coropration

  APW8855 데이터시트 HTML 1Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 2Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 3Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 4Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 5Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 6Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 7Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 8Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2015
APW8855
www.anpec.com.tw
4
6.Absolute Maximum Ratings (Note 1)
Pin or S ymbol
P ara met er
Ra ting
Unit
VS YS
VSY S to GND
-0.3~28
V
1V8_ ALW_ LX, 1 V5_A LW_ LX
1 V8_ ALW_ IN, 1 V5_A LW_IN
1V8_ ALW _LX to 1 V8_ ALW_P GND
1V5_ ALW _LX to 1 V5_ ALW_P GND
1V8_ ALW _IN to 1 V8_A LW_P GND
1V5_ ALW _IN to 1 V5_A LW_P GND
-0.3 to 6.5
V
5V _ALW_BY P, 3V 3_ALW_BY P
5V_A LW_ BYP, 3 V3_A LW_B YP to
GND
-0.3 to 6.5
V
5 V_A LW_PW M, 3V3_ ALW_ PWM,
VDDP_A LW_PW M
5V_A LW_ PWM, 3V3 _ALW _PWM,
VDDP_A LW_PW M to G ND
-0.3 to 6.5
V
1V8 _ALW _PG ND, 1V5_A LW_ PGND
PGND to GND
-0.3 to 0.3
V
All Othe r P ins
All Other Pin s to GND
-0.3 to 6.5
V
TJ
Ju nctio n Tempe rature
1 50
oC
TSTG
Stor age Temperature
-65 ~ 150
oC
TSDR
Ma ximu m Le ad Sol derin g
Tem perature (10 Seco nds)
2 60
oC
Note 1: Stresses beyond those listed under
“absolute maximum ratings” may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under
“recom-
mended operating conditions
” is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
7.Thermal Characteristics
S ymbol
Param eter
Typica l Value
Unit
θ
JA
Ju nctio n-to-Ambi ent Resistance in fre e a ir (Note 2 )
oC/W
Note2:
θ
JA is measured with the component mounted on a JESD-51-7 high effective thermal conductivity test board in free air.
S ymbol
Pa ram eter
Ra nge
Unit
V VSYS
System Rail From B atter y Manag ement Unit
5.5 ~ 20
V
V1V8_ALW_IN
1V8_ ALW Reg ulator In put Voltage
3 ~ 5 .5
V
V1V5_ALW_IN
1V5_ ALW Reg ulator In put Voltage
3 ~ 5 .5
V
V VDD_FCH_S5_IN
VDD_FCH_S 5 Regula to r Inpu t Voltage
0.5~1.5
V
VVDD_FCH_S5_REFIN VDD_FCH_S 5 Regula to r Refere nce Inp ut Vo ltage
0.65 ~ 1.3 5
V
V
CTL_L
CTL Inpu t Low Voltag e
0 ~ 0 .6
V
VCTL_H
CTL Inpu t High Vol tag e
1 .2 ~ 5.5
V
VPOK
POK P ull High Voltage
~ 5 .5
V
TA
Ambie nt Tempera tur e
- 40 ~ 85
o C
TJ
Ju nctio n Temp erature
-40 ~ 1 25
o C
8.Recommended Operating Conditions(Note3)
Note 3: Refer to the typical application circuit.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn