전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

APW8855 데이터시트(HTML) 5 Page - Anpec Electronics Coropration

부품명 APW8855
상세내용  High Current, High Frequency 7 Outputs Voltage Regulator and Power Management IC for High Performance Tablet and Ultra Notebook Applications
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8855 데이터시트(HTML) 5 Page - Anpec Electronics Coropration

  APW8855 데이터시트 HTML 1Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 2Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 3Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 4Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 5Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 6Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 7Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 8Page - Anpec Electronics Coropration APW8855 데이터시트 HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2015
APW8855
www.anpec.com.tw
5
9.Block Diagram
VR1 PWM
Controller
VSYS
5V_ALW_
PWM
5V_ALW
_FBP
5V_ALW
_BYP
5VLDO
5V_ALW
_LDO
VTHBYP_5V
VR2 PWM
Controller
3V3_ALW
_PWM
3V3_ALW
_FBP
3V3_ALW
_BYP
5VLDO
3V3_ALW
_LDO
VTHBYP_3V3
VSYS
VR5 PWM
Controller
VDDP_ALW
_PWM
VDDP_ALW
_FBP
VDDP_ALW
_FBN
VR3 PWM
Converter
1V8_ALW
_IN
1V8_ALW
_LX
1V8_ALW
_FBP
1V8_ALW
_GND
VR4 PWM
Converter
1V5_ALW
_IN
1V5_ALW
_LX
1V5_ALW
_FBP
1V5_ALW
_GND
VR6 1.5V
LDO
LDO_RTC
_OUT
VDD_FCH_
S5_REFIN
S5_MUX
VDD_FCH_
S5_IN
VDD_FCH_
S5_OUT
Controller
Thermal
Diode
ADC
I2CCLK
I2CDATA
CTL
POK
GND
VDDP_AL
W_GPIO
LDO_RTC
_IN
Control
Logic
0.78V
LDO
Regulator


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn