전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

APW8855 데이터시트(HTML) 6 Page - Anpec Electronics Coropration

부품명 APW8855
상세내용  High Current, High Frequency 7 Outputs Voltage Regulator and Power Management IC for High Performance Tablet and Ultra Notebook Applications
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo 

APW8855 데이터시트(HTML) 6 Page - Anpec Electronics Coropration

Zoom Inzoom in Zoom Outzoom out
/ 43 page
 6 / 43 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2015
APW8855
www.anpec.com.tw
6
10.1 Typical Application Circuit
5V_LDO(5V@100mA)
4.7uF
1uF
RTC(1.5V@4.5uA)
2.2uF
10uF
VSYS(5.5V~19V)
VIN
BST EN
VCC
LX
PWM
AGND
OCB
PGND
APW8703
(TQFN4X4-23)
1uF
5V_LDO
0.1uF
10uF
10uF
VSYS(5.5V~19V)
2.2uH
NC
NC
NC
5VALW(5V@4A)
22uF
22uF
47uF
47uF
1.8VALW(1.8V@3A)
5VALW
0.47uH
22uF
22uF
47uF
47uF
1.8VALW(1.8V@3A)
5VALW
0.47uH
50K
1K
1K
1.8V RUN
POK
I2CCLK
I2C DATA
CLT
CTL Low:Shutdown APW8855
CTL High:Enable APW8855
3V3_LDO(3.3V@100mA)
4.7uF
VIN
BST
EN
VCC
LX
PWM
AGND
OCB PGND
APW8703
(TQFN4X4-23)
1uF
5V_LDO
0.1uF
10uF
10uF
VSYS(5.5V~19V)
1uH
NC
NC
NC
3V3ALW(3.3V@8A)
VIN
BST
PVCC
VCC
LX
PWM
AGND OCB
PGND
APW8703
(TQFN4X4-23)
1uF
5V_LDO
0.1uF
10uF
10uF
0.47uH
10uF
10uF
VDDPALW(0.95V@8A)
VDDP_ALW_GPIO goes low, VDDP_ALW =0.95V
VDDP_ALW_GPIO goes high, VDDP_ALW =1.05V
10uF
VDDPALW
22uF
FCH_S5(0.775V~1.35V@0.2A)
10uF
VDDNB(0.65V~1.35V)
S5_MUX
1.8V_RUN
S5_MUX goes low, FCH_S5 VOUT will track VDDNB & 0.775V
S5_MUX goes high, FCH_S5 VOUT track VDDNB
5V_ALW_LDO
3V3_ALW_LDO
3V3_ALW_PWM
5V_ALW_PWM
5V_ALW_BYP
5V_ALW_FBP
3V3_ALW_BYP
3V3_ALW_FBP
1V8_ALW_IN
1V8_ALW_LX
1V8_ALW_FBP
1V8_ALW_GND
1V5_ALW_IN
1V5_ALW_LX
1V5_ALW_FBP
1V5_ALW_GND
I2CCLK
I2CDATA
POK2
CTL
GND
VDDP_ALW_PWM
VDDP_ALW_FBP
VDDP_ALW_FBN
VDDP_ALW-GPIO
FCH_S5_IN
FCH_S5_OUT
FCH_S5_REFIN
S5_MUX
3.3V Battery
C1
C5
C4
C3
C2
C6
C12
C11
C9
C8
C10
C7
C13
C14
C17
C18
C16
C15
C19
C20
C21
C22
C23
C28
C27
C26
C25
C24
C30
C29
C33
C32
C31
C34
C35
C36
L1
L2
L3
L4
L5
R2
R1
R3
R4
R5
R6
R7
Q1
Q2
Q3
50K
OCB
5V_LDO
OCB
5V_LDO
OCB
5V_LDO
50K
50K
50K
SMOD
OCSET
R13
0K
R10
50K
CTL
EN
220uF
C43
SMOD
PVCC
R9
50K
CTL
R12 0
OCSET
220uF
C42
SMOD
R11
0
OCSET
R8
50K
PVCC
CTL
NC
NC
NC
C38 C37
NC
C39
C40
220uF
C41
Q4
APW8855
1
4
2
3
20
19
18
17
5
6
7
8
30
29
31
32
27
16
15
14
13
9
10
11
12
22
21
23
24
28
26
25
10.Typical Application Circuit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn