전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N1470 데이터시트(PDF) 1 Page - Inchange Semiconductor Company Limited

부품명 2N1470
상세설명  Excellent Safe Operating Area
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N1470 데이터시트(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N1470 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N1470 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN Power Transistor
2N1470
DESCRIPTION
·
Excellent Safe Operating Area
·
Collector-Emitter Saturation Voltage-
: VCE(sat)= 1.0V(Max)@ IC = 1.5A
·
Collector-Emitter Sustaining Voltage-
: VCEO(SUS)= 60V(Min)
APPLICATIONS
·
Designed for general purpose amplifier and switching
applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
60
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
3
A
PC
Collector Power Dissipation@TC=25℃
55
W
TJ
Junction Temperature
200
Tstg
Storage Temperature
-65~200


유사한 부품 번호 - 2N1470

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
2N1470 NJSEMI-2N1470 Datasheet
98Kb / 1P
   Quality Semi-Conductors
More results

유사한 설명 - 2N1470

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2N2955HV ISC-2N2955HV Datasheet
108Kb / 2P
   Excellent Safe Operating Area
BDY20 ISC-BDY20 Datasheet
193Kb / 2P
   Excellent Safe Operating Area
2SD1533 ISC-2SD1533 Datasheet
135Kb / 2P
   Wide Area of Safe Operation
2SA1214 ISC-2SA1214 Datasheet
94Kb / 2P
   Wide Area of Safe Operation
2SB982 ISC-2SB982 Datasheet
98Kb / 2P
   Wide Area of Safe Operation
2SB850 ISC-2SB850 Datasheet
98Kb / 2P
   Wide Area of Safe Operation
2SD1238 ISC-2SD1238 Datasheet
128Kb / 2P
   Wide Area of Safe Operation
2SC2665 ISC-2SC2665 Datasheet
86Kb / 2P
   Wide Area of Safe Operation
2SB719 ISC-2SB719 Datasheet
110Kb / 2P
   Wide Area of Safe Operation
logo
Rohm
2SB1357 ROHM-2SB1357 Datasheet
403Kb / 5P
   Transistor PNP (low collector saturation voltage wide safe operation area)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com