전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7091R-5 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD7091R-5
상세설명  4-Channel, I2C, Ultralow Power, 12-Bit ADC in 20-Lead LFCSP/TSSOP
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7091R-5 데이터시트(HTML) 1 Page - Analog Devices

  AD7091R-5 Datasheet HTML 1Page - Analog Devices AD7091R-5 Datasheet HTML 2Page - Analog Devices AD7091R-5 Datasheet HTML 3Page - Analog Devices AD7091R-5 Datasheet HTML 4Page - Analog Devices AD7091R-5 Datasheet HTML 5Page - Analog Devices AD7091R-5 Datasheet HTML 6Page - Analog Devices AD7091R-5 Datasheet HTML 7Page - Analog Devices AD7091R-5 Datasheet HTML 8Page - Analog Devices AD7091R-5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
4-Channel, I2C, Ultralow Power,
12-Bit ADC in 20-Lead LFCSP/TSSOP
Data Sheet
AD7091R-5
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
I2C-compatible serial interface supports standard and
fast modes
Ultralow power: 90 µW typical at 3 V in fast mode
Specified for VDD of 2.7 V to 5.25 V
On-chip accurate 2.5 V reference, 5 ppm/°C typical drift
4 single-ended analog input channels
ALERT function
BUSY function
Autocycle mode
Wide input bandwidth
68 dB signal-to-noise ratio (SNR) typical at input
frequency of 1 kHz
Flexible power/throughput rate management
No pipeline delays
Power-down mode
550 nA typical at VDD = 5.25 V
435 nA typical at VDD = 3 V
20-lead LFCSP and TSSOP packages
Temperature range: −40°C to +125°C
APPLICATIONS
Battery-powered systems
Personal digital assistants
Medical instruments
Mobile communications
Instrumentation and control systems
Data acquisition systems
Optical sensors
Diagnostic/monitoring functions
FUNCTIONAL BLOCK DIAGRAM
INPUT
MUX
CHANNEL
SEQUENCER
CONTROL
LOGIC
I2C INTERFACE
T/H
RESET
CONVST/GPO1
SDA
SCL
AS0
AS1
VDRIVE
VIN0
MUXOUT
ADCIN
VDD
REFIN/
REFOUT
REGCAP
ALERT/BUSY/
GPO0
GPO2 GND
GND
VIN1
VIN2
VIN3
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
ON-CHIP
OSC
2.5V
VREF
AD7091R-5
Figure 1.
GENERAL DESCRIPTION
The AD7091R-5 is a 12-bit, multichannel, ultralow power, succes-
sive approximation analog-to-digital converter (ADC). The
AD7091R-5 operates from a single 2.7 V to 5.25 V power supply
and typically consumes only 24 µA at a 3 V supply in fast mode.
The AD7091R-5 provides a 2-wire serial interface compatible
with I2C interfaces. The conversion process can be controlled by
a sample mode via the CONVST/GPO1 pin, an autocycle mode
selected through software control, or a command mode in
which conversions occur across I2C write operations.
The device contains a wide bandwidth track-and-hold amplifier
that can handle input frequencies up to 1.5 MHz. The AD7091R-5
also features an on-chip conversion clock, an on-chip accurate
2.5 V reference, and a programmable out of bounds user alert
function.
The AD7091R-5 offers four single-ended analog input channels
with a channel sequencer that allows a preprogrammed
selection of channels to be converted sequentially.
The AD7091R-5 uses advanced design techniques to achieve
ultralow power dissipation without compromising performance. It
also features flexible power management options. An on-chip
configuration register allows the user to set up different operating
conditions. These include power management, alert functionality,
busy indication, channel sequencing, and general-purpose output
pins. The MUXOUT and ADCIN pins allow signal conditioning of the
multiplexer output before acquisition by the ADC.


유사한 부품 번호 - AD7091R-5

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7091R-5 AD-AD7091R-5 Datasheet
831Kb / 35P
   4-Channel, I 2 C, Ultralow Power 12-Bit ADC in 20-Lead LFCSP/TSSOP
AD7091R-5BCPZ AD-AD7091R-5BCPZ Datasheet
831Kb / 35P
   4-Channel, I 2 C, Ultralow Power 12-Bit ADC in 20-Lead LFCSP/TSSOP
AD7091R-5BCPZ-RL7 AD-AD7091R-5BCPZ-RL7 Datasheet
831Kb / 35P
   4-Channel, I 2 C, Ultralow Power 12-Bit ADC in 20-Lead LFCSP/TSSOP
AD7091R-5BRUZ AD-AD7091R-5BRUZ Datasheet
831Kb / 35P
   4-Channel, I 2 C, Ultralow Power 12-Bit ADC in 20-Lead LFCSP/TSSOP
AD7091R-5BRUZ-RL7 AD-AD7091R-5BRUZ-RL7 Datasheet
831Kb / 35P
   4-Channel, I 2 C, Ultralow Power 12-Bit ADC in 20-Lead LFCSP/TSSOP
More results

유사한 설명 - AD7091R-5

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7091R-5 AD-AD7091R-5_17 Datasheet
831Kb / 35P
   4-Channel, I 2 C, Ultralow Power 12-Bit ADC in 20-Lead LFCSP/TSSOP
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
List of Unclassifed Man...
AD7091R-2BRUZ ETC2-AD7091R-2BRUZ Datasheet
1Mb / 41P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit ADC in 16-/20-/24-Lead TSSOP
logo
Analog Devices
AD7091RBRMZ AD-AD7091RBRMZ Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091R AD-AD7091R Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
AD7927 AD-AD7927 Datasheet
276Kb / 20P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com