전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7770 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD7770
상세설명  8-Channel, 24-Bit, Simultaneous Sampling ADC
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7770 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD7770 Datasheet HTML 6Page - Analog Devices AD7770 Datasheet HTML 7Page - Analog Devices AD7770 Datasheet HTML 8Page - Analog Devices AD7770 Datasheet HTML 9Page - Analog Devices AD7770 Datasheet HTML 10Page - Analog Devices AD7770 Datasheet HTML 11Page - Analog Devices AD7770 Datasheet HTML 12Page - Analog Devices AD7770 Datasheet HTML 13Page - Analog Devices AD7770 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
AD7770
Data Sheet
Rev. A | Page 10 of 94
SPI TIMING CHARACTERISTISTICS
AVDD1x = 1.65 V, AVSSx1 = −1.65 V (dual supply operation), AVDD1x = 3.3 V, AVSSx = AGND, AVDD2 − AVSSx = 2.2 V to 3.6 V;
IOVDD = 1.8 V to 3.6 V; DGND = 0 V, REFx+/REFx− = 2.5 V (internal/external), MCLK = 8192 kHz; all specifications at TMIN to TMAX,
unless otherwise noted.
Table 3.
Parameter
Description2
Test Conditions/Comments
Min
Typ
Max
Unit
t12
SCLK period
50:50
30
MHz
t13
SCLK low time
7
ns
t14
SCLK high time
7
ns
t15
SCLK rising edge to CS falling edge
10
ns
t16
CS falling edge to SCLK rising edge
10
ns
t17
SCLK rising edge to CS rising edge
10
ns
t18
CS rising edge to SCLK rising edge
10
ns
t19
Minimum CS high time
10
ns
t20
SDI setup time
5
ns
t21
SDI hold time
5
ns
t22A
CS falling edge to SDO enable (SPI = Mode 0)
30
ns
t22B
SCLK falling edge to SDO enable (SPI = Mode 1)
49
ns
t23
SDO setup time
10
ns
t24
SDO hold time
10
ns
t25
CS rising edge to SDO disable
30
ns
1
AVSSx refers to the following pins: AVSS1A, AVSS1B, AVSS2A, AVSS2B, AVSS3, and AVSS4. This term is used throughout the data sheet.
2
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of IOVDD) and timed from a voltage level of (VIL + VIH)/2.
CS
SCLK
MSB
MSB – 1
LSB + 1
LSB
SDI
MSB
MSB – 1
LSB + 1
LSB
SDO
t15
t16
t13
t14
t20
t22A
t21
t24
t23
t22B
t12
t19
t17
t18
t25
Figure 3. SPI Control Interface Timing Diagram


유사한 부품 번호 - AD7770

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7770 AD-AD7770 Datasheet
2Mb / 98P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770ACPZ AD-AD7770ACPZ Datasheet
2Mb / 98P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770ACPZ-RL AD-AD7770ACPZ-RL Datasheet
2Mb / 98P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770 AD-AD7770_17 Datasheet
2Mb / 98P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
More results

유사한 설명 - AD7770

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7779 AD-AD7779 Datasheet
1Mb / 97P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770 AD-AD7770_17 Datasheet
2Mb / 98P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7771 AD-AD7771_17 Datasheet
1Mb / 99P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7779 AD-AD7779_16 Datasheet
1Mb / 101P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7771 AD-AD7771 Datasheet
357Kb / 14P
   8-Ch, 24-Bit Simultaneous Sampling ADC
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040 MAXIM-MAX11040 Datasheet
363Kb / 31P
   24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
Rev 0; 5/09
MAX11040 MAXIM-MAX11040_10 Datasheet
343Kb / 32P
   24-Bit, 4-Channel, Simultaneous-Sampling,Cascadable,Sigma-Delta ADC
Rev 2; 6/10
logo
Analog Devices
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com