전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QM30-14PA-CFI 데이터시트(PDF) 6 Page - Hirose Electric

부품명 QM30-14PA-CFI
상세설명  QM (1.78mm-070) CONNECTORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HIROSE [Hirose Electric]
홈페이지  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

QM30-14PA-CFI 데이터시트(HTML) 6 Page - Hirose Electric

Back Button QM30-14PA-CFI Datasheet HTML 2Page - Hirose Electric QM30-14PA-CFI Datasheet HTML 3Page - Hirose Electric QM30-14PA-CFI Datasheet HTML 4Page - Hirose Electric QM30-14PA-CFI Datasheet HTML 5Page - Hirose Electric QM30-14PA-CFI Datasheet HTML 6Page - Hirose Electric QM30-14PA-CFI Datasheet HTML 7Page - Hirose Electric QM30-14PA-CFI Datasheet HTML 8Page - Hirose Electric QM30-14PA-CFI Datasheet HTML 9Page - Hirose Electric QM30-14PA-CFI Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image


유사한 부품 번호 - QM30-14PA-CFI

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
QM30 MITSUBISHI-QM30 Datasheet
63Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30 MITSUBISHI-QM30 Datasheet
72Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30 MITSUBISHI-QM30 Datasheet
70Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30 MITSUBISHI-QM30 Datasheet
69Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30 MITSUBISHI-QM30 Datasheet
74Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results

유사한 설명 - QM30-14PA-CFI

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0351820292 MOLEX4-0351820292 Datasheet
74Kb / 2P
   1.78mm (.070") Tab
0351500292 MOLEX4-0351500292 Datasheet
71Kb / 2P
   1.78mm (.070") Tab Wire-to-Wire TPA?
0351500393 MOLEX4-0351500393 Datasheet
72Kb / 2P
   1.78mm (.070") Tab Wire-to-Wire TPA?
0355250200 MOLEX5-0355250200 Datasheet
102Kb / 2P
   1.78mm (.070") Tab Multiple Female Housing, 2 Circuits
0638270500 MOLEX11-0638270500 Datasheet
36Kb / 1P
   Hand Crimp Tool for 1.78mm (.070) Tab Female Crimp Terminals
ATS-6382705HM MOLEX-ATS-6382705HM Datasheet
384Kb / 6P
   Hand Crimp Tool for 1.78mm (.070) Tab Female Crimp Terminals
01-20-14
ATS-639002000 MOLEX-ATS-639002000 Datasheet
175Kb / 5P
   Fine Adjust Applicator for 1.78mm (.070) Tab Female Crimp Terminals
11-08-07
0355244929 MOLEX5-0355244929 Datasheet
137Kb / 2P
   1.78mm (.070") Tab Multiple Male Housing With Ear, 9 Circuits
0357990492 MOLEX5-0357990492 Datasheet
94Kb / 2P
   1.78mm (.070") Tab Wire-to-Board Housing, Female, 4 Circuits
0357990290 MOLEX5-0357990290 Datasheet
106Kb / 2P
   1.78mm (.070") Tab Wire-to-Board Housing, Female, 2 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com