전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADR3512 데이터시트(PDF) 4 Page - Analog Devices

부품명 ADR3512
상세설명  Micropower, High Accuracy Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADR3512 데이터시트(HTML) 4 Page - Analog Devices

  ADR3512 Datasheet HTML 1Page - Analog Devices ADR3512 Datasheet HTML 2Page - Analog Devices ADR3512 Datasheet HTML 3Page - Analog Devices ADR3512 Datasheet HTML 4Page - Analog Devices ADR3512 Datasheet HTML 5Page - Analog Devices ADR3512 Datasheet HTML 6Page - Analog Devices ADR3512 Datasheet HTML 7Page - Analog Devices ADR3512 Datasheet HTML 8Page - Analog Devices ADR3512 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADR3512
Data Sheet
Rev. E | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
6 V
ENABLE to GND SENSE Voltage
VIN
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature Range
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead MSOP (RM-8 Suffix)
132.5
43.9
°C/W
ESD CAUTION


유사한 부품 번호 - ADR3512

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR3525 AD-ADR3525 Datasheet
862Kb / 20P
   Micropower, High Accuracy
REV. 0
ADR3525W AD-ADR3525W Datasheet
862Kb / 20P
   Micropower, High Accuracy
REV. 0
ADR3525WARMZ-R7 AD-ADR3525WARMZ-R7 Datasheet
862Kb / 20P
   Micropower, High Accuracy
REV. 0
ADR3525WBRMZ-R7 AD-ADR3525WBRMZ-R7 Datasheet
862Kb / 20P
   Micropower, High Accuracy
REV. 0
ADR3530 AD-ADR3530 Datasheet
862Kb / 20P
   Micropower, High Accuracy
REV. 0
More results

유사한 설명 - ADR3512

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR3412 AD-ADR3412 Datasheet
900Kb / 24P
   Micropower, High Accuracy Voltage References
REV. B
ADR3425 AD-ADR3425 Datasheet
1Mb / 20P
   Micropower, High Accuracy Voltage References
Rev. 0
ADR3525 AD-ADR3525 Datasheet
862Kb / 20P
   Micropower, High Accuracy
REV. 0
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com