전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZW045V8 데이터시트(PDF) 3 Page - Diotec Semiconductor

부품명 BZW045V8
상세설명  Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOTEC [Diotec Semiconductor]
홈페이지  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BZW045V8 데이터시트(HTML) 3 Page - Diotec Semiconductor

  BZW045V8 Datasheet HTML 1Page - Diotec Semiconductor BZW045V8 Datasheet HTML 2Page - Diotec Semiconductor BZW045V8 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlußdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
3
07.01.2003
BZW 04-5V8 ... BZW 04-376B
1
For bidirectional types (suffix “B”), electrical characteristics apply in both directions.
Für bidirektionale Dioden (Suffix “B”) gelten die elektrischen Werte in beiden Richtungen.
The standard tolerance of the breakdown voltage for each type is ± 5%.
Die Toleranz der Arbeitsspannung jeder Diode beträgt in der Standardausführung ± 5%.
e.g.: BZW 04-154B = bidirectional diode V
WM
$ 154 V at I
D = 5
:A, V
BR = 180 V (± 5%)
BZW 04-5.8 = unidirectional diode, V
WM
$ 5.8 V at I
D = 1000
:A, V
BR = 6.8 V (± 5%)


유사한 부품 번호 - BZW045V8

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BZW045V8 STMICROELECTRONICS-BZW045V8 Datasheet
130Kb / 6P
   TRANSIL
BZW045V8B STMICROELECTRONICS-BZW045V8B Datasheet
130Kb / 6P
   TRANSIL
logo
Diotec Semiconductor
BZW045V8 DIOTEC-BZW045V8_14 Datasheet
107Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

유사한 설명 - BZW045V8

제조업체부품명데이터시트상세설명
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
1.5KE6.8 DIOTEC-1.5KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com