전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFV330-DAGBVXMC0500 데이터시트(PDF) 6 Page - SICK AG

부품명 LFV330-DAGBVXMC0500
상세설명  LEVEL SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

LFV330-DAGBVXMC0500 데이터시트(HTML) 6 Page - SICK AG

  LFV330-DAGBVXMC0500 Datasheet HTML 1Page - SICK AG LFV330-DAGBVXMC0500 Datasheet HTML 2Page - SICK AG LFV330-DAGBVXMC0500 Datasheet HTML 3Page - SICK AG LFV330-DAGBVXMC0500 Datasheet HTML 4Page - SICK AG LFV330-DAGBVXMC0500 Datasheet HTML 5Page - SICK AG LFV330-DAGBVXMC0500 Datasheet HTML 6Page - SICK AG LFV330-DAGBVXMC0500 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LFV330-DAGBVXMC0500 | LFV300
LEVEL SENSORS
6
FLUID SENSORS | SICK
Online data sheet | 2015-12-07 11:19:05
Subject to change without notice
Brief description
Type
Part no.
Welded flange/welded connector, G 3/4 process connection, Stainless steel 1.4404
BEF-FL-
GEWG34-LFV2
4054604
Welded flange/welded connector, process connection Tri-Clamp 1", Stainless steel
1.4404
BEF-FL-TCLI10-LFV2
5321678
Welded flange/welded connector, process connection Tri-Clamp 2”, Stainless steel
1.4404
BEF-FL-TCLI20-LFV2
5321679
Mounting brackets and mounting plates
Lock nut fitting, process pressure –1 bar to 64 bar, G 1 A process connection, G 3/4 A
female thread, stainless steel 316L
BEF-
MU-316G10-ALFV
5322463
Electronic modules
Contactless switch: 20 V AC/DC ... 250 V AC/DC
ECD-RE-
LFVKOS-0001
6038669


유사한 부품 번호 - LFV330-DAGBVXMC0500

제조업체부품명데이터시트상세설명
logo
SICK AG
LFV330-DAGBVXMR0300 SICK-LFV330-DAGBVXMR0300 Datasheet
1Mb / 7P
   LEVEL SENSORS
LFV330-DAGBVXMR3000 SICK-LFV330-DAGBVXMR3000 Datasheet
1Mb / 7P
   LEVEL SENSORS
More results

유사한 설명 - LFV330-DAGBVXMC0500

제조업체부품명데이터시트상세설명
logo
SICK AG
LFV200-XATNACPV SICK-LFV200-XATNACPV Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XATNATPML SICK-LFV200-XATNATPML Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XXHCLCPM SICK-LFV200-XXHCLCPM Datasheet
288Kb / 4P
   LEVEL SENSORS
LBV310-XXAGDR8NX SICK-LBV310-XXAGDR8NX Datasheet
466Kb / 6P
   LEVEL SENSORS
LBV310-XXANDRKNX SICK-LBV310-XXANDRKNX Datasheet
483Kb / 6P
   LEVEL SENSORS
LBV310-XXANDTKMX SICK-LBV310-XXANDTKMX Datasheet
484Kb / 6P
   LEVEL SENSORS
LFV310-XXCAPX8RX SICK-LFV310-XXCAPX8RX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGAVXPRX SICK-LFV310-XXGAVXPRX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVTPCX SICK-LFV310-XXGBVTPCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVXMCX SICK-LFV310-XXGBVXMCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV330-CAADVTMN0250 SICK-LFV330-CAADVTMN0250 Datasheet
1Mb / 7P
   LEVEL SENSORS
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com