전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

YSOT36C 데이터시트(PDF) 2 Page - Yea Shin Technology Co., Ltd

부품명 YSOT36C
상세설명  TVS DIODE ARRAY FOR LATCH-UP PROTECTION
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YEASHIN [Yea Shin Technology Co., Ltd]
홈페이지  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSOT36C 데이터시트(HTML) 2 Page - Yea Shin Technology Co., Ltd

  YSOT36C Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSOT36C Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSOT36C Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.yeashin.com
2
REV.02 20131002
YSOTxxC
DEVICE CHARACTERISTICS
(V)
(V)
@1A
(µA)
(pF)
(max.) (min.)
(mA)
(max.) (max.)
(@A)
(max.)
(typ.)
20
YSOT36C
B36C
36.0
40.0
1
55.0
55.0
1
1
25
YSOT24C
B24C
24.0
26.7
1
43.0
32.0
3
1
50
YSOT15C
B15C
15.0
16.7
1
24.0
22.0
5
1
60
YSOT12C
B12C
12.0
13.3
1
19.0
17.0
5
1
YSOT08C
B08C
8.0
8.2
15.0
5
1
70
VRWM
400
Watts
PARAMETER
ELECTRICAL CHARACTERISTICS PER LINE (@ 25℃ Unless Otherwise Specified)
VC
IR
CT
VC
IT
TL
260 (10 sec.)
VB
PART NUMBER
DEVICE
MARKING
MAXIMUM RATINGS (@ 25℃ Unless Otherwise Specified)
PPP
Lead Soldering Temperature
Operating Temperature Range
SYMBOL
VALUE
Storage Temperature Range
TSTG
-55 ~ 150
UNITS
Peak Pulse Power (tp=8/20µs waveform)
TJ
-55 ~ 150
5.0
6.0
1
13.4
1
5
120
9.8
9.8
5
5
110
YSOT05C
B05C
YSOT03C
B03C
3.0
4.0
1
7.5
8.5
5


유사한 부품 번호 - YSOT36C

제조업체부품명데이터시트상세설명
logo
Yea Shin Technology Co....
YSOT36C YEASHIN-YSOT36C Datasheet
800Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT36C YEASHIN-YSOT36C Datasheet
819Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT36C YEASHIN-YSOT36C Datasheet
800Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT36C YEASHIN-YSOT36C Datasheet
800Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
More results

유사한 설명 - YSOT36C

제조업체부품명데이터시트상세설명
logo
Yea Shin Technology Co....
YSOT24C YEASHIN-YSOT24C Datasheet
800Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
logo
E-CMOS Corporation
ECTXXW5 E-CMOS-ECTXXW5 Datasheet
217Kb / 4P
   TVS Diode Array for Latch up Protection
logo
Yea Shin Technology Co....
YSOT12C YEASHIN-YSOT12C Datasheet
800Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT05C-A YEASHIN-YSOT05C-A Datasheet
819Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT05C YEASHIN-YSOT05C Datasheet
800Kb / 3P
   TVS DIODE ARRAY FOR LATCH-UP PROTECTION
logo
Shanghai Leiditech Elec...
TPD2E007DCKR LEIDITECH-TPD2E007DCKR Datasheet
334Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
Rev : 01.06.2014
logo
StarHope
TESD03G2U SPSEMI-TESD03G2U Datasheet
506Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
TESD03G2B SPSEMI-TESD03G2B Datasheet
459Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
logo
Shanghai Leiditech Elec...
SMC15Q LEIDITECH-SMC15Q Datasheet
608Kb / 3P
   BIDIRECTIONAL TVS DIODE ARRAY FOR LATCH-UP PROTECTION
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com