전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB020N03KL3 데이터시트(PDF) 4 Page - Cystech Electonics Corp.

부품명 MTB020N03KL3
상세설명  30V N-channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB020N03KL3 데이터시트(HTML) 4 Page - Cystech Electonics Corp.

  MTB020N03KL3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB020N03KL3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB020N03KL3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB020N03KL3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB020N03KL3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB020N03KL3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB020N03KL3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB020N03KL3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB020N03KL3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C143L3
Issued Date : 2016.01.22
Revised Date : 2016.02.22
Page No. : 4/9
MTB020N03KL3
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
5
10
15
20
25
30
35
40
01
2
34
5
Brekdown Voltage vs Junction Temperature
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
10V,9V,8V,7V,6V,5V
VDS, Drain-Source Voltage(V)
4.5V
4V
3.5V
ID=250
μA,
V =0V
VGS=3V
GS
Static Drain-Source On-State resistance vs Drain Current
10
100
0.01
0.1
1
10
100
ID, Drain Current(A)
VGS=10V
VGS=4.5V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
04
8
12
16
20
IDR, Reverse Drain Current(A)
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
30
60
90
120
150
02
4
6
8
1
VGS, Gate-Source Voltage(V)
Tj=25°C
VGS=0V
Tj=150°C
0
ID=4A
Drain-Source On-State Resistance vs Junction Tempearture
0
0.4
0.8
1.2
1.6
2
2.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
VGS=10V, ID=4A
RDS(ON)@Tj=25°C : 21.4mΩ typ.
VGS=4.5V, ID=3A
RDS(ON)@Tj=25°C : 25.7mΩtyp.


유사한 부품 번호 - MTB020N03KL3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTB020N03KJ3 CYSTEKEC-MTB020N03KJ3 Datasheet
587Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB020N03KJ3-0-T3-G CYSTEKEC-MTB020N03KJ3-0-T3-G Datasheet
587Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB020N03KM3 CYSTEKEC-MTB020N03KM3 Datasheet
441Kb / 9P
   N-Channel Enhancement Mode MOSFET
MTB020N03KM3-0-T2-G CYSTEKEC-MTB020N03KM3-0-T2-G Datasheet
441Kb / 9P
   N-Channel Enhancement Mode MOSFET
MTB020N03KN3 CYSTEKEC-MTB020N03KN3 Datasheet
470Kb / 9P
   N-Channel Enhancement Mode MOSFET
More results

유사한 설명 - MTB020N03KL3

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
   30V N-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJ4812 PANJIT-PJ4812_09 Datasheet
379Kb / 5P
   30V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com