전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB080P06J3-0-T3-G 데이터시트(PDF) 4 Page - Cystech Electonics Corp.

부품명 MTB080P06J3-0-T3-G
상세설명  P-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB080P06J3-0-T3-G 데이터시트(HTML) 4 Page - Cystech Electonics Corp.

  MTB080P06J3-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB080P06J3-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB080P06J3-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB080P06J3-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB080P06J3-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB080P06J3-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB080P06J3-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB080P06J3-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB080P06J3-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C069J3
Issued Date : 2016.03.16
Revised Date :
Page No. : 4/ 9
MTB080P06J3
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
2
4
6
8
10
12
14
16
18
20
02
4
6
8
10
Brekdown Voltage vs Ambient Temperature
0.4
0.6
0.8
1.0
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=-250μA,
VGS=0V
5V
10V,9V,8V,7V,6V
-VDS, Drain-Source Voltage(V)
4.5V
4V
3.5V
-VGS=3V
Static Drain-Source On-State resistance vs Drain Current
0
100
200
300
400
500
0.01
0.1
1
10
100
-ID, Drain Current(A)
In descending order
VGS= -5V
-10V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1.0
1.2
024
68
1
-IDR, Reverse Drain Current(A)
0
Tj=25°C
Tj=150°C
VGS=0V
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
200
400
600
800
1000
02
4
6
8
10
Drain-Source On-State Resistance vs Junction Tempearture
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
VGS=-10V, ID=-10A
RDS(ON)@Tj=25°C : 82.5mΩ typ.
-VGS, Gate-Source Voltage(V)
ID=-10A


유사한 부품 번호 - MTB080P06J3-0-T3-G

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTB080P06L3 CYSTEKEC-MTB080P06L3 Datasheet
476Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06L3-0-T3-G CYSTEKEC-MTB080P06L3-0-T3-G Datasheet
476Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06M3 CYSTEKEC-MTB080P06M3 Datasheet
433Kb / 9P
   P-Channel Enhancement Mode MOSFET
MTB080P06M3-0-T2-G CYSTEKEC-MTB080P06M3-0-T2-G Datasheet
433Kb / 9P
   P-Channel Enhancement Mode MOSFET
MTB080P06N3 CYSTEKEC-MTB080P06N3 Datasheet
461Kb / 9P
   P-Channel Enhancement Mode MOSFET
More results

유사한 설명 - MTB080P06J3-0-T3-G

제조업체부품명데이터시트상세설명
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com