전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB080P06M3 데이터시트(PDF) 2 Page - Cystech Electonics Corp.

부품명 MTB080P06M3
상세설명  P-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB080P06M3 데이터시트(HTML) 2 Page - Cystech Electonics Corp.

  MTB080P06M3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB080P06M3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB080P06M3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB080P06M3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB080P06M3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB080P06M3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB080P06M3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB080P06M3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB080P06M3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C069M3
Issued Date : 2016.04.19
Revised Date :
Page No. : 2/9
MTB080P06M3
CYStek Product Specification
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
-60
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current @ TA=25
°C
-3.2
Continuous Drain Current @ TA=70
°C
ID
-2.6
Pulsed Drain Current
IDM
-18
*1, 3
A
Total Power Dissipation (TA=25℃)
PD
2
*2
W
Linear Derating Factor
0.02
W/
°C
Operating Junction and Storage Temperature
Tj, Tstg
-55~+150
°C
Note : *1
. Pulse width limited by maximum junction temperature
*2. Surface mounted on 1 in² copper pad of FR-4 board
*3. Pulse width≤300μs, duty cycle≤2%
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-ambient, max
Rth,j-a
62.5*
°C/W
*
Surface mounted on 1 in² copper pad of FR-4 board; 270
°C/W when mounted on min. copper pad
Electrical Characteristics (Tj=25
°C, unless otherwise noted)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
-60
-
-
V
VGS=0V, ID=-250μA
∆BVDSS/∆Tj
-
-0.05
-
V/
°C
Reference to 25
°C, ID=-1mA
VGS(th)
-1
-
-2.5
V
VDS=VGS, ID=-250μA
GFS
-
10
-
S
VDS=-5V, ID=-3A
IGSS
-
-
±
100
nA
VGS=±20V, VDS=0V
-
-
-1
VDS=-48V, VGS=0V
IDSS
-
-
-25
μA
VDS=-48V, VGS=0V (Tj=70°C)
-
83
110
ID=-3A, VGS=-10V
*RDS(ON)
-
112
150
m
Ω
ID=-3A, VGS=-4.5V
Dynamic
Ciss
-
498
-
Coss
-
48
-
Crss
-
38
-
pF
VDS=-30V, VGS=0V, f=1MHz
*td(ON)
-
6.9
-
*tr
-
17.4
-
*td(OFF)
-
29.2
-
*tf
-
14.8
-
ns
VDS=-30V, ID=-1A, VGS=-10V, RG=6Ω


유사한 부품 번호 - MTB080P06M3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTB080P06J3 CYSTEKEC-MTB080P06J3 Datasheet
501Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06J3-0-T3-G CYSTEKEC-MTB080P06J3-0-T3-G Datasheet
501Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06L3 CYSTEKEC-MTB080P06L3 Datasheet
476Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06L3-0-T3-G CYSTEKEC-MTB080P06L3-0-T3-G Datasheet
476Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06N3 CYSTEKEC-MTB080P06N3 Datasheet
461Kb / 9P
   P-Channel Enhancement Mode MOSFET
More results

유사한 설명 - MTB080P06M3

제조업체부품명데이터시트상세설명
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com