전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N138SD 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 6N138SD
상세설명  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N138SD 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  6N138SD Datasheet HTML 1Page - Fairchild Semiconductor 6N138SD Datasheet HTML 2Page - Fairchild Semiconductor 6N138SD Datasheet HTML 3Page - Fairchild Semiconductor 6N138SD Datasheet HTML 4Page - Fairchild Semiconductor 6N138SD Datasheet HTML 5Page - Fairchild Semiconductor 6N138SD Datasheet HTML 6Page - Fairchild Semiconductor 6N138SD Datasheet HTML 7Page - Fairchild Semiconductor 6N138SD Datasheet HTML 8Page - Fairchild Semiconductor 6N138SD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
www.fairchildsemi.com
Single-Channel: 6N138, 6N139 Dual-Channel: HCPL-2730, HCPL-2731 Rev. 1.0.0
Transfer Characteristics (TA = 0 to 70°C Unless otherwise specified)
** All Typicals at TA = 25°C
Parameter
Test Conditions Symbol
Device
Min
Typ**
Max
Unit
COUPLED
(IF = 0.5 mA, VO = 0.4 V, VCC = 4.5 V)
CTR
6N139
400
1100
%
Current transfer ratio
(Note 1, 2)
Each Channel
HCPL-2731
3500
(IF = 1.6 mA, VO = 0.4 V, VCC = 4.5 V)
6N139
500
1300
%
Each Channel
HCPL-2731
2500
(IF = 1.6 mA, VO = 0.4 V, VCC = 4.5 V)
6N138
300
1300
%
Each Channel
HCPL-2730
2500
Logic low output voltage
output voltage (Note 2)
(IF = 0.5 mA, IO = 2 mA, VCC = 4.5 V)
VOL
6N139
0.08
0.4
V
(IF = 1.6 mA, IO = 8 mA, VCC = 4.5 V)
6N139
0.01
0.4
Each Channel
HCPL-2731
(IF = 0.5 mA, IO = 15 mA, VCC = 4.5 V)
6N139
0.13
0.4
Each Channel
HCPL-2731
(IF = 12 mA, IO = 24 mA, VCC = 4.5 V)
6N139
0.20
0.4
Each Channel
HCPL-2731
(IF = 1.6 mA, IO = 4.8 mA, VCC = 4.5 V)
6N138
0.10
0.4
Each Channel
HCPL-2730


유사한 부품 번호 - 6N138SD

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
6N138SD FAIRCHILD-6N138SD Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138SD FAIRCHILD-6N138SD Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138SDM FAIRCHILD-6N138SDM Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
6N138SDV FAIRCHILD-6N138SDV Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138SDV FAIRCHILD-6N138SDV Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
More results

유사한 설명 - 6N138SD

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com