전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA5M0380R-TU 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 KA5M0380R-TU
상세설명  SPS consist of high voltage power SenseFET and current mode PWM IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5M0380R-TU 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  KA5M0380R-TU Datasheet HTML 1Page - Fairchild Semiconductor KA5M0380R-TU Datasheet HTML 2Page - Fairchild Semiconductor KA5M0380R-TU Datasheet HTML 3Page - Fairchild Semiconductor KA5M0380R-TU Datasheet HTML 4Page - Fairchild Semiconductor KA5M0380R-TU Datasheet HTML 5Page - Fairchild Semiconductor KA5M0380R-TU Datasheet HTML 6Page - Fairchild Semiconductor KA5M0380R-TU Datasheet HTML 7Page - Fairchild Semiconductor KA5M0380R-TU Datasheet HTML 8Page - Fairchild Semiconductor KA5M0380R-TU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
KA5H0380R/KA5M0380R/KA5L0380R
2
Absolute Maximum Ratings
Notes:
1. Tj=25
°C to 150°C
2. Repetitive rating: Pulse width limited by maximum junction temperature
3. L=51mH, starting Tj=25
°C
4. L=13
µH, starting Tj=25°C
Characteristic
Symbol
Value
Unit
Drain-source (GND) voltage (1)
VDSS
800
V
Drain-Gate voltage (RGS=1M
Ω)
VDGR
800
V
Gate-source (GND) voltage
VGS
±30
V
Drain current pulsed (2)
IDM
12
ADC
Single pulsed avalanche energy (3)
EAS
95
mJ
Avalanche current (4)
IAS
10
A
Continuous drain current (TC=25
°C)
ID
3.0
ADC
Continuous drain current (TC=100
°C)
ID
2.1
ADC
Supply voltage
VCC
30
V
Analog input voltage range
VFB
−0.3 to VSD
V
Total power dissipation
PD (watt H/S)
35
W
Derating
0.28
W/
°C
Operating temperature
TOPR
−25 to +85
°C
Storage temperature
TSTG
−55 to +150
°C


유사한 부품 번호 - KA5M0380R-TU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA5M0380R FAIRCHILD-KA5M0380R Datasheet
944Kb / 20P
   Fairchild Power Switch(FPS)
KA5M0380R FAIRCHILD-KA5M0380R Datasheet
654Kb / 14P
   Fairchild Power Switch(FPS)
KA5M0380RTU FAIRCHILD-KA5M0380RTU Datasheet
944Kb / 20P
   Fairchild Power Switch(FPS)
KA5M0380RTU FAIRCHILD-KA5M0380RTU Datasheet
654Kb / 14P
   Fairchild Power Switch(FPS)
KA5M0380RYDTU FAIRCHILD-KA5M0380RYDTU Datasheet
944Kb / 20P
   Fairchild Power Switch(FPS)
More results

유사한 설명 - KA5M0380R-TU

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT2300 ONSEMI-CAT2300 Datasheet
213Kb / 7P
   SENSEFET Current Monitor SENSEFET Current Monitor TDFN??
November, 2012 ??Rev. 2
logo
List of Unclassifed Man...
THX202H ETC-THX202H Datasheet
559Kb / 21P
   PWM Controller of High-performance Current Mode
logo
Supertex, Inc
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
   High-Voltage,Current-Mode PWM Controller
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com