전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FK18X7R1E684K 데이터시트(PDF) 9 Page - TDK Electronics

부품명 FK18X7R1E684K
상세설명  Capacitor with Multi-layer Lead
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TDK [TDK Electronics]
홈페이지  http://www.tdk.com
Logo TDK - TDK Electronics

FK18X7R1E684K 데이터시트(HTML) 9 Page - TDK Electronics

Back Button FK18X7R1E684K Datasheet HTML 5Page - TDK Electronics FK18X7R1E684K Datasheet HTML 6Page - TDK Electronics FK18X7R1E684K Datasheet HTML 7Page - TDK Electronics FK18X7R1E684K Datasheet HTML 8Page - TDK Electronics FK18X7R1E684K Datasheet HTML 9Page - TDK Electronics FK18X7R1E684K Datasheet HTML 10Page - TDK Electronics FK18X7R1E684K Datasheet HTML 11Page - TDK Electronics FK18X7R1E684K Datasheet HTML 12Page - TDK Electronics FK18X7R1E684K Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
(9/22)
20151209 / leadmlcc_conventional_fk_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
CAPACITORS
FK26 AND FK16 TYPES
SHAPES AND DIMENSIONS
RATED VOLTAGE Edc: 6.3 to 50V
Temperature
characteristics
Capacitance
Tolerance
Rated voltage
Edc(V)
Part No.
FK26 type
FK16 type
X7R
0.47μF
±10%
50
FK26X7R1H474K
FK16X7R1H474K
X7R
0.68μF
±10%
50
FK26X7R1H684K
FK16X7R1H684K
X7R
1μF
±10%
50
FK26X7R1H105K
FK16X7R1H105K
X7R
1.5μF
±10%
50
FK26X7R1H155K
FK16X7R1H155K
X7R
2.2μF
±10%
50
FK26X7R1H225K
FK16X7R1H225K
X7R
0.68μF
±10%
25
FK26X7R1E684K
FK16X7R1E684K
X7R
1μF
±10%
25
FK26X7R1E105K
FK16X7R1E105K
X7R
1.5μF
±10%
25
FK26X7R1E155K
FK16X7R1E155K
X7R
2.2μF
±10%
25
FK26X7R1E225K
FK16X7R1E225K
X7R
3.3μF
±10%
25
FK26X7R1E335K
FK16X7R1E335K
X7R
4.7μF
±10%
25
FK26X7R1E475K
FK16X7R1E475K
X7R
6.8μF
±10%
25
FK26X7R1E685K
FK16X7R1E685K
X7R
10μF
±10%
25
FK26X7R1E106K
FK16X7R1E106K
X7R
3.3μF
±10%
16
FK26X7R1C335K
FK16X7R1C335K
X7R
4.7μF
±10%
16
FK26X7R1C475K
FK16X7R1C475K
X7R
6.8μF
±10%
16
FK26X7R1C685K
FK16X7R1C685K
X7R
10μF
±10%
16
FK26X7R1C106K
FK16X7R1C106K
X5R
1μF
±10%
50
FK26X5R1H105K
FK16X5R1H105K
X5R
1.5μF
±10%
25
FK26X5R1E155K
FK16X5R1E155K
X5R
2.2μF
±10%
25
FK26X5R1E225K
FK16X5R1E225K
X5R
3.3μF
±10%
25
FK26X5R1E335K
FK16X5R1E335K
X5R
4.7μF
±10%
25
FK26X5R1E475K
FK16X5R1E475K
X5R
3.3μF
±10%
16
FK26X5R1C335K
FK16X5R1C335K
X5R
4.7μF
±10%
16
FK26X5R1C475K
FK16X5R1C475K
X5R
6.8μF
±10%
16
FK26X5R1C685K
FK16X5R1C685K
X5R
10μF
±10%
16
FK26X5R1C106K
FK16X5R1C106K
X5R
6.8μF
±10%
10
FK26X5R1A685K
FK16X5R1A685K
X5R
10μF
±10%
10
FK26X5R1A106K
FK16X5R1A106K
X5R
6.8μF
±10%
6.3
FK26X5R0J685K
FK16X5R0J685K
X5R
10μF
±10%
6.3
FK26X5R0J106K
FK16X5R0J106K
X5R
15μF
±20%
6.3
FK26X5R0J156M
FK16X5R0J156M
X5R
22μF
±20%
6.3
FK26X5R0J226M
FK16X5R0J226M
X5R
33μF
±20%
6.3
FK26X5R0J336M
FK16X5R0J336M
X5R
47μF
±20%
6.3
FK26X5R0J476M
FK16X5R0J476M
5.5max.
5.5max.
5.0
±1.0
3.5max.
3.5max.
Dimensions in mm
FK26
FK16
2.5
±0.8
ø0.5
+0.1
–0.03
ø0.5
+0.1
–0.03


유사한 부품 번호 - FK18X7R1E684K

제조업체부품명데이터시트상세설명
logo
TDK Electronics
FK18X7R1E684K TDK-FK18X7R1E684K Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results

유사한 설명 - FK18X7R1E684K

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
CL05A106MP5NUNC SAMSUNG-CL05A106MP5NUNC Datasheet
98Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KA5NQNC SAMSUNG-CL05A105KA5NQNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KQ5NNNC SAMSUNG-CL05A105KQ5NNNC Datasheet
126Kb / 1P
   Multi Layer Ceramic Capacitor
CL21A106KOQNNNE SAMSUNG-CL21A106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL32A107MPVNNNE SAMSUNG-CL32A107MPVNNNE Datasheet
147Kb / 2P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7101MFCA01 TAIYO-YUDEN-MAASE063SB7101MFCA01 Datasheet
148Kb / 1P
   Multi Layer Ceramic Capacitor
MAASE063SB7471MFCA01 TAIYO-YUDEN-MAASE063SB7471MFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
logo
Samsung semiconductor
CL21B103KBANNNC SAMSUNG-CL21B103KBANNNC Datasheet
87Kb / 1P
   Multi Layer Ceramic Capacitor
CL21B106KOQNNNE SAMSUNG-CL21B106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL21A476MQCLRNC SAMSUNG-CL21A476MQCLRNC Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com