전자부품 데이터시트 검색엔진 |
|
FK20X5R1C226M 데이터시트(PDF) 3 Page - TDK Electronics |
|
FK20X5R1C226M 데이터시트(HTML) 3 Page - TDK Electronics |
3 / 22 page (3/22) 20151209 / leadmlcc_conventional_fk_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. CAPACITORS CAPACITANCE RANGES: CLASS 1 (TEMPERATURE COMPENSATION) FK28 AND FK18 TYPES SHAPES AND DIMENSIONS RATED VOLTAGE Edc: 50V Temperature characteristics Capacitance Tolerance Rated voltage Edc(V) Part No. FK28 type FK18 type C0G 1pF ±0.25pF 50 FK28C0G1H010C FK18C0G1H010C C0G 1.5pF ±0.25pF 50 FK28C0G1H1R5C FK18C0G1H1R5C C0G 2pF ±0.25pF 50 FK28C0G1H020C FK18C0G1H020C C0G 2.2pF ±0.25pF 50 FK28C0G1H2R2C FK18C0G1H2R2C C0G 3pF ±0.25pF 50 FK28C0G1H030C FK18C0G1H030C C0G 3.3pF ±0.25pF 50 FK28C0G1H3R3C FK18C0G1H3R3C C0G 4pF ±0.25pF 50 FK28C0G1H040C FK18C0G1H040C C0G 4.7pF ±0.25pF 50 FK28C0G1H4R7C FK18C0G1H4R7C C0G 5pF ±0.25pF 50 FK28C0G1H050C FK18C0G1H050C C0G 6pF ±0.5pF 50 FK28C0G1H060D FK18C0G1H060D C0G 6.8pF ±0.5pF 50 FK28C0G1H6R8D FK18C0G1H6R8D C0G 7pF ±0.5pF 50 FK28C0G1H070D FK18C0G1H070D C0G 8pF ±0.5pF 50 FK28C0G1H080D FK18C0G1H080D C0G 9pF ±0.5pF 50 FK28C0G1H090D FK18C0G1H090D C0G 10pF ±0.5pF 50 FK28C0G1H100D FK18C0G1H100D C0G 12pF ±5% 50 FK28C0G1H120J FK18C0G1H120J C0G 15pF ±5% 50 FK28C0G1H150J FK18C0G1H150J C0G 18pF ±5% 50 FK28C0G1H180J FK18C0G1H180J C0G 22pF ±5% 50 FK28C0G1H220J FK18C0G1H220J C0G 27pF ±5% 50 FK28C0G1H270J FK18C0G1H270J C0G 33pF ±5% 50 FK28C0G1H330J FK18C0G1H330J C0G 39pF ±5% 50 FK28C0G1H390J FK18C0G1H390J C0G 47pF ±5% 50 FK28C0G1H470J FK18C0G1H470J C0G 56pF ±5% 50 FK28C0G1H560J FK18C0G1H560J C0G 68pF ±5% 50 FK28C0G1H680J FK18C0G1H680J C0G 82pF ±5% 50 FK28C0G1H820J FK18C0G1H820J C0G 100pF ±5% 50 FK28C0G1H101J FK18C0G1H101J C0G 120pF ±5% 50 FK28C0G1H121J FK18C0G1H121J C0G 150pF ±5% 50 FK28C0G1H151J FK18C0G1H151J C0G 180pF ±5% 50 FK28C0G1H181J FK18C0G1H181J C0G 220pF ±5% 50 FK28C0G1H221J FK18C0G1H221J C0G 270pF ±5% 50 FK28C0G1H271J FK18C0G1H271J C0G 330pF ±5% 50 FK28C0G1H331J FK18C0G1H331J C0G 390pF ±5% 50 FK28C0G1H391J FK18C0G1H391J C0G 470pF ±5% 50 FK28C0G1H471J FK18C0G1H471J C0G 560pF ±5% 50 FK28C0G1H561J FK18C0G1H561J C0G 680pF ±5% 50 FK28C0G1H681J FK18C0G1H681J C0G 820pF ±5% 50 FK28C0G1H821J FK18C0G1H821J C0G 1000pF ±5% 50 FK28C0G1H102J FK18C0G1H102J C0G 1200pF ±5% 50 FK28C0G1H122J FK18C0G1H122J C0G 1500pF ±5% 50 FK28C0G1H152J FK18C0G1H152J C0G 1800pF ±5% 50 FK28C0G1H182J FK18C0G1H182J C0G 2200pF ±5% 50 FK28C0G1H222J FK18C0G1H222J C0G 2700pF ±5% 50 FK28C0G1H272J FK18C0G1H272J C0G 3300pF ±5% 50 FK28C0G1H332J FK18C0G1H332J C0G 3900pF ±5% 50 FK28C0G1H392J FK18C0G1H392J C0G 4700pF ±5% 50 FK28C0G1H472J FK18C0G1H472J C0G 5600pF ±5% 50 FK28C0G1H562J FK18C0G1H562J C0G 6800pF ±5% 50 FK28C0G1H682J FK18C0G1H682J C0G 8200pF ±5% 50 FK28C0G1H822J FK18C0G1H822J C0G 10000pF ±5% 50 FK28C0G1H103J FK18C0G1H103J 4.0max. 5.0 ±1.0 2.5max. Dimensions in mm FK28 FK18 2.5 ±0.8 4.0max. 2.5max. 2.5max. 2.5max. ø0.5 +0.1 –0.03 ø0.5 +0.1 –0.03 |
유사한 부품 번호 - FK20X5R1C226M |
|
유사한 설명 - FK20X5R1C226M |