전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL1935NP1Q 데이터시트(PDF) 11 Page - Zarlink Semiconductor Inc

부품명 SL1935NP1Q
상세설명  Single Chip Synthesized Zero IF Tuner
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZARLINK [Zarlink Semiconductor Inc]
홈페이지  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL1935NP1Q 데이터시트(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button SL1935NP1Q Datasheet HTML 7Page - Zarlink Semiconductor Inc SL1935NP1Q Datasheet HTML 8Page - Zarlink Semiconductor Inc SL1935NP1Q Datasheet HTML 9Page - Zarlink Semiconductor Inc SL1935NP1Q Datasheet HTML 10Page - Zarlink Semiconductor Inc SL1935NP1Q Datasheet HTML 11Page - Zarlink Semiconductor Inc SL1935NP1Q Datasheet HTML 12Page - Zarlink Semiconductor Inc SL1935NP1Q Datasheet HTML 13Page - Zarlink Semiconductor Inc SL1935NP1Q Datasheet HTML 14Page - Zarlink Semiconductor Inc SL1935NP1Q Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
SL1935
100nF
1k
1k
3.9pF
OFIA/OFIB
OFQA/OFQB
IFIA/IFIB
IFQA/IFQB
100nF
220nF
100
1k
15pF
Figure 13. Example baseband interstage filter for 30MS/s
Figure 14. Nominal baseband output load test condition
4MHz
150pF
82pF
1 XTALCAP
2 XTAL
Figure 15. Crystal oscillator application (typical)


유사한 부품 번호 - SL1935NP1Q

제조업체부품명데이터시트상세설명
logo
Galaxy Semi-Conductor H...
SL19 BILIN-SL19 Datasheet
115Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Mitel Networks Corporat...
SL1914 MITEL-SL1914 Datasheet
84Kb / 6P
   Satellite Tuner Front End LNA with AGC
SL1914A MITEL-SL1914A Datasheet
84Kb / 6P
   Satellite Tuner Front End LNA with AGC
logo
Zarlink Semiconductor I...
SL1914AKG ZARLINK-SL1914AKG Datasheet
118Kb / 9P
   SATELLITE TUNER FRONT END LNA WITH AGC
SL1914AMP1S ZARLINK-SL1914AMP1S Datasheet
118Kb / 9P
   SATELLITE TUNER FRONT END LNA WITH AGC
More results

유사한 설명 - SL1935NP1Q

제조업체부품명데이터시트상세설명
logo
Zarlink Semiconductor I...
ZL10100 ZARLINK-ZL10100 Datasheet
414Kb / 19P
   Single Chip Synthesized Downconverter with IF Amplifier
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
   Satellite Zero IF QPSK Tuner IC
logo
Toshiba Semiconductor
TD7104P TOSHIBA-TD7104P Datasheet
254Kb / 6P
   ECL PRESCALER FOR DIGITAL SYNTHESIZED TUNER
TD7103F TOSHIBA-TD7103F Datasheet
148Kb / 4P
   ECL PRESCALER FOR DIGITAL SYNTHESIZED TUNER
TD7103F TOSHIBA-TD7103F_02 Datasheet
282Kb / 5P
   ECL Prescaler For Digital Synthesized Tuner
TD7101F TOSHIBA-TD7101F_02 Datasheet
338Kb / 6P
   ELC Prescaler For Digital Synthesized Tuner
TD7104FG TOSHIBA-TD7104FG Datasheet
398Kb / 6P
   ECL Prescaler for Digital Synthesized Tuner
TD6134AF TOSHIBA-TD6134AF_02 Datasheet
321Kb / 6P
   ECL Prescaler For Digital Synthesized Tuner
logo
Renesas Technology Corp
M61140FP RENESAS-M61140FP Datasheet
760Kb / 28P
   Tuner Single Chip
logo
Hitachi Semiconductor
REJ03F0023_M61140FP HITACHI-REJ03F0023_M61140FP Datasheet
571Kb / 29P
   TUNER SINGLE CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com