전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

GBU10005 데이터시트(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

부품명 GBU10005
부품 상세설명  Single-Phase 10.0A Glass Passivated Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
홈페이지  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

GBU10005 데이터시트(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  GBU10005 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd GBU10005 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd GBU10005 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd GBU10005 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Green Products
Data Sheet N1770, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
GBU10005-GBU1010
GBU10005-GBU1010
Single-Phase 10.0A Glass Passivated Bridge Rectifier
Features:
Glass passivated die construction
Low forward voltage drop
High current capability
High surge current capability
Plastic material-UL flammability 94V-0
Mechanical Data:
Case: GBU, Molded plastic
Terminals: Plated leads solderable per MIL-STD-202, Method 208
Polarity: as marked on case
Mounting Position: Any
Marking: Type Number
Lead Free: For RoHS / Lead Free Version
Mechanical Dimensions: In Inches/mm
GBU


Html Pages

1  2  3  4 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn