전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33989 데이터시트(PDF) 9 Page - Motorola, Inc

부품명 MC33989
상세설명  System Basis Chip With High Speed CAN Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33989 데이터시트(HTML) 9 Page - Motorola, Inc

Back Button MC33989 Datasheet HTML 5Page - Motorola, Inc MC33989 Datasheet HTML 6Page - Motorola, Inc MC33989 Datasheet HTML 7Page - Motorola, Inc MC33989 Datasheet HTML 8Page - Motorola, Inc MC33989 Datasheet HTML 9Page - Motorola, Inc MC33989 Datasheet HTML 10Page - Motorola, Inc MC33989 Datasheet HTML 11Page - Motorola, Inc MC33989 Datasheet HTML 12Page - Motorola, Inc MC33989 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
MC33989
9
MC33989
DEVICE DESCRIPTION
note 1: Load dump test according to ISO7637 part 1
note 2: Transient test according to ISO7637 part 1, pulses 1,2,3a and 3b, according to schematic figure below.
note 3: Human Body Model; C=100pF, R=1.5Kohms
note 4: Machine Model; C=200pF, R=25ohms
CAN H output current capability
Icanh
-35
mA
Dominant state
CAN L output current capability
Icanl
35
mA
Dominant state
Over temperature shutdown
Tshut
160
180°C
°C
CAN L over current detection
Icanl-oc
60
200
mA
Error reported in CANR
register
CAN H over current detection
Icanh-oc
-200
-60
mA
Error reported in CANR
register
TX and RX
Tx Input High Voltage
Vih
0.7 Vdd
Vdd+0.4
V
Tx Input Low Voltage
Vilp
-0.4
0.3 Vdd
V
Tx High Level Input Current, Vtx=Vdd
Iih
-10
10
uA
Tx Low Level Input Current, Vtx=0V
Iil
-100
-50
-20
uA
Rx Output Voltage High, Irx=-250uA
Voh
Vdd-1
V
Rx Output Voltage Low, Irx=+1mA
Vol
0.5
V
Timing
Dominant State Timeout
Tdout
200
360
520
us
Propagation loop delay Tx to Rx,
Recessif to dominant
Tlrd
70
80
100
110
140
155
180
220
210
225
255
310
ns
slew rate 3
slew rate 2
slew rate 1
slew rate 0
Propagation delay Tx to CAN
Ttrd
20
40
60
100
65
80
120
160
110
150
200
300
ns
slew rate 3
slew rate 2
slew rate 1
slew rate 0
Propagation delay CAN to Rx, recessif to
dominant
Trrd
30
80
140
ns
Propagation loop delay Tx to Rx,
Dominat to recessif
Tldr
70
90
100
130
120
135
160
200
170
180
220
260
ns
slew rate 3
slew rate 2
slew rate 1
slew rate 0
Propagation delay Tx to CAN
Ttdr
60
65
75
90
110
120
150
190
130
150
200
300
ns
slew rate 3
slew rate 2
slew rate 1
slew rate 0
Propagation delay CAN to Rx, dominant
to recessif
Trdr
20
40
60
ns
Non differential slew rate (CanL or CanH)
Tsl 3
Tsl 2
Tsl 1
Tsl 0
4
3
2
1
19
13.5
8
5
40
20
15
10
V/us
slew rate 3
slew rate 2
slew rate 1
slew rate 0
Descriptions
Symbol
Min
Typ
Max
Unit
Conditions
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


유사한 부품 번호 - MC33989

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
Freescale Semiconductor...
MC33989DW FREESCALE-MC33989DW Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
MC33989DWR2 FREESCALE-MC33989DWR2 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
More results

유사한 설명 - MC33989

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
33989 FREESCALE-33989 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
logo
Freescale Semiconductor...
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
NXP Semiconductors
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Motorola, Inc
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
NXP Semiconductors
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com