전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33989 데이터시트(PDF) 3 Page - Motorola, Inc

부품명 MC33989
상세설명  System Basis Chip With High Speed CAN Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33989 데이터시트(HTML) 3 Page - Motorola, Inc

  MC33989 Datasheet HTML 1Page - Motorola, Inc MC33989 Datasheet HTML 2Page - Motorola, Inc MC33989 Datasheet HTML 3Page - Motorola, Inc MC33989 Datasheet HTML 4Page - Motorola, Inc MC33989 Datasheet HTML 5Page - Motorola, Inc MC33989 Datasheet HTML 6Page - Motorola, Inc MC33989 Datasheet HTML 7Page - Motorola, Inc MC33989 Datasheet HTML 8Page - Motorola, Inc MC33989 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
MC33989
3
MC33989
2
ELECTRICAL CHARACTERISTICS
(Vsup From 5.5V to 18V and Tamb -40°C to 125°C)
For all pins except CANH, CANL, Tx and Rx which are described in the CAN module section
Description
Symbol
Characteristics
Unit
Conditions
Min
Typ
Max
Vsup pin (Device power supply)
Nominal DC Voltage range
Vsup
5.5
18
V
Extended DC Voltage range 1
Vsup-ex1
4.5
5.5
V
Reduced functionality
(note 1)
Extended DC Voltage range 2
Vsup-ex2
18
27
V
(note 3)
Input Voltage during Load Dump
VsupLD
40
V
Load dump situation
Input Voltage during jump start
VsupJS
27
V
Jump start situation
Supply Current in Stand-by Mode
(note 2,4) (includes 10mA at Vdd1)
Isup(stdby)
12
17
mA
Iout at Vdd1 =10mA
CAN recessive or sleep-
disable state
Supply Current in Normal Mode (note 2)
Isup(norm)
12.5
17
mA
Iout at Vdd1 =10mA
CAN recessive or sleep-
disable state
Supply Current in Sleep Mode (note 2,4)
Isup
(sleep1)
72
105
uA
Vdd1 & V2 off, Vsup<12V,
oscillator running (note5)
CAN in sleep-disable state
Supply Current in Sleep Mode (note 2,4)
Isup
(sleep2)
57
90
uA
Vdd1 & V2 off, Vsup<12V
oscillator not running (5)
CAN in sleep-disable state
Supply current in sleep mode (note 2,4)
Isup
(sleep3)
100
150
uA
Vdd1 & V2 off, Vsup>12V
oscillator running (5)
CAN in sleep-disable state
Supply Current in Stop mode (note 2,4)
I out Vdd1 <2mA
Isup
(stop1)
135
210
uA
Vdd1 on, Vsup<12V
oscillator running (5)
CAN in sleep-disable state
Supply Current in Stop mode (note 2,4)
I out Vdd1 <2mA
Isup
(stop2)
130
410
uA
Vdd1 on, Vsup<12V
oscillator not running (5)
CAN in sleep-disable state
Supply Current in Stop mode (note 2,4)
Iout Vdd1 < 2mA
Isup
(stop3)
160
230
uA
Vdd on, Vsup>12
oscillator running (5)
CAN in sleep-disable state
BATFAIL Flag internal threshold
VBF
1.5
3
4
V
BATFAIL Flag hysteresis
VBF hyst
1
V
guaranteed by design
Battery fall early warning threshold
BFew
5.3
5.8
6.3
V
In normal & standby mode
Battery fall early warning hysteresis
BFewh
0.1
0.2
0.3
V
In normal & standby mode
guaranteed by design
note 1: Vdd1>4V, reset high, logic pin high level reduced, device is functional.
note 2: Current measured at Vsup pin.
note 3: Device is fully functional. All functions are operating (All mode available and operating, Watchdog, HS1 turn ON turn OFF, CAN cell
operating, L0 to L3 inputs operating, SPI read write operation). Over temperature may occur.
note 4: With CAN cell in sleep-disable state. If CAN cell is sleep-enabled for wake up, an additional 60uA must be added to specified value.
note 5: Oscillator running means “Forced Wake up” or “Cyclic Sense” or “Software Watchdog in stop mode” timer activated. Oscillator not
running means that “Forced Wake up” and “cyclic Sense” and “Software Watchdog in stop mode” are not activated.
Vdd1 (external 5V output for MCU supply). Idd1 is the total regulator output current. Vdd specification with external capacitor. Sta-
bility requirement: C>47uF ESR < 1.3 ohms (tantalum capacitor)
In reset, normal request, normal and standby modes.
Measures with C=47uF Tantalum.
Vdd1 Output Voltage
Vdd1out
4.9
5
5.1
V
Idd1 from 2 to 200mA
Tamb -40°C to 125°C
5.5V< Vsup <27V
Vdd1 Output Voltage
Vdd1out
4
V
Idd1 from 2 to 200mA
4.5V< Vsup <5.5V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


유사한 부품 번호 - MC33989

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
Freescale Semiconductor...
MC33989DW FREESCALE-MC33989DW Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
MC33989DWR2 FREESCALE-MC33989DWR2 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
More results

유사한 설명 - MC33989

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
33989 FREESCALE-33989 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
logo
Freescale Semiconductor...
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
NXP Semiconductors
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Motorola, Inc
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
NXP Semiconductors
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com