전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DBFE0060U142 데이터시트(PDF) 4 Page - LinkCom Manufacturing Co., Ltd.

부품명 DBFE0060U142
상세설명  0-10V Dimmable
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINKCOM [LinkCom Manufacturing Co., Ltd.]
홈페이지  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

DBFE0060U142 데이터시트(HTML) 4 Page - LinkCom Manufacturing Co., Ltd.

  DBFE0060U142 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. DBFE0060U142 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. DBFE0060U142 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. DBFE0060U142 Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd. DBFE0060U142 Datasheet HTML 5Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0-10V Dimmable
Constant Current Mode
60-DBFE Series
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw
Output Current vs. Load (DBFE-060U132-00)
Efficiency vs. Load (DBFE-060U132-00)
Power Factor vs. Load (DBFE-060U132-00)
0.80
0.85
0.90
0.95
1.00
86%
88%
90%
92%
94%
96%
98%
100%
102%
Load (%)
PF vs. Load
Vin=100
Vin=120
Vin=200
Vin=230
Vin=277
80.0%
82.0%
84.0%
86.0%
88.0%
90.0%
86%
88%
90%
92%
94%
96%
98%
100%
102%
Load (%)
Efficiency vs. Load
Vin=100
Vin=120
Vin=200
Vin=230
Vin=277
1.280
1.290
1.300
1.310
1.320
84%
86%
88%
90%
92%
94%
96%
98%
100%
102%
Load (%)
Output Current vs. Load
Vin=100
Vin=120
Vin=200
Vin=230
Vin=277
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


유사한 부품 번호 - DBFE0060U142

제조업체부품명데이터시트상세설명
logo
LinkCom Manufacturing C...
DBFE-0100U182-00 LINKCOM-DBFE-0100U182-00 Datasheet
530Kb / 5P
   0-10V Dimmable
DBFE-0100U202-00 LINKCOM-DBFE-0100U202-00 Datasheet
530Kb / 5P
   0-10V Dimmable
DBFE-0100U232-00 LINKCOM-DBFE-0100U232-00 Datasheet
530Kb / 5P
   0-10V Dimmable
DBFE-0100U272-00 LINKCOM-DBFE-0100U272-00 Datasheet
530Kb / 5P
   0-10V Dimmable
DBFE-0100U402-00 LINKCOM-DBFE-0100U402-00 Datasheet
530Kb / 5P
   0-10V Dimmable
More results

유사한 설명 - DBFE0060U142

제조업체부품명데이터시트상세설명
logo
LinkCom Manufacturing C...
40W-DBFE LINKCOM-40W-DBFE Datasheet
416Kb / 5P
   0-10V Dimmable
100W-DBFE LINKCOM-100W-DBFE Datasheet
530Kb / 5P
   0-10V Dimmable
25W-DBFE LINKCOM-25W-DBFE Datasheet
462Kb / 5P
   0-10V Dimmable
45W-DBFN LINKCOM-45W-DBFN Datasheet
516Kb / 3P
   0-10V Dimmable
40-DBFE LINKCOM-40-DBFE Datasheet
501Kb / 6P
   40W 0-10V Dimmable
logo
Dialog Semiconductor
IW3631 DIALOG-IW3631 Datasheet
381Kb / 7P
   Two-Stage, Flickerless??0-10V Dimmable Digital
logo
Phihong USA Inc.
PDA060W-700B PHIHONG-PDA060W-700B Datasheet
216Kb / 4P
   60W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA040W-700B PHIHONG-PDA040W-700B Datasheet
264Kb / 4P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA041W-700B PHIHONG-PDA041W-700B Datasheet
218Kb / 5P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
logo
Infineon Technologies A...
CDM10V-3 INFINEON-CDM10V-3 Datasheet
570Kb / 11P
   0-10V Dimming Solution
V1.0 2017-07-04
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com