전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDBM120L 데이터시트(PDF) 1 Page - Comchip Technology

부품명 CDBM120L
상세설명  Low VF SMD Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBM120L 데이터시트(HTML) 1 Page - Comchip Technology

  CDBM120L Datasheet HTML 1Page - Comchip Technology CDBM120L Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reverse Voltage: 20 - 40 Volts
Forward Current: 1.0 Amp
CDBM120L Thru CDBM140L
Low VF SMD Schottky Barrier Rectifier
Low VF SMD Schottky Barrier Rectifier
www.comchip.com.tw
COMCHIP
COMCHIP
Maximum Ratings and Electrical Characterics
MDS0211018A
Page 1
Features
Ideal for surface mount applications
Easy pick and place
Plastic package has Underwriters Lab.
flammability classification 94V-0
Exceeds environmental standard MIL-S-
19500/228
Low leakage current
Mechanical data
Case: Mini SMA molded plastic
Terminals: solderable per MIL-STD-750,
method 2026
Polarity: Color band denotes cathode
end
Mounting position: Any
Approx. Weight:0.04 gram
0.146(3.70)
0.012(0.30) Typ.
0.071(1.80)
0.055(1.40)
0.110(2.80)
0.094(2.40)
0.063(1.60)
0.055(1.40)
0.035(0.90) Typ.
0.035(0.90) Typ.
MINI SMA
Dimensions in inches and (millimeter)
0.161(4.10)
Parameter
Max. Repetitive Peak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Peak Surge Forward Current
8.3ms single half sine-wave
superimposed on rate load
( JEDEC method )
Max. Average Forward Current
Max. Instantaneous Forward Current
at 1.0 A
Max. DC Reverse Current at Rated DC
Blocking Voltage
Ta=25
Ta=100
Max. Thermal Resistance (Note 1)
Operating Junction Temperature
Storage Temperature
Symbol
VRRM
VDC
VRMS
IFSM
I o
V F
I R
R JA
R JL
T j
TSTG
Unit
V
V
V
A
A
V
mA
Note 1: Thermal resistance from junction to ambient and junction to to lead P.C.B. Mounted on 0.2 x 0.2 copper pad areas
CDBM120L
CDBM140L
20
20
14
40
40
28
30
1.0
0.38
0.40
-55 to +125
88
20
0.5
-55 to +150
5
10
/W
C
C
C
C
C


유사한 부품 번호 - CDBM120L

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBM120L-G COMCHIP-CDBM120L-G Datasheet
598Kb / 2P
   Low VF SMD Schottky Barrier Rectifier
CDBM120L-G COMCHIP-CDBM120L-G Datasheet
93Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBM120L-G COMCHIP-CDBM120L-G_12 Datasheet
93Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBM120L-HF COMCHIP-CDBM120L-HF Datasheet
68Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
More results

유사한 설명 - CDBM120L

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBL120L-G COMCHIP-CDBL120L-G Datasheet
495Kb / 2P
   Low VF SMD Schottky Barrier Rectifier
logo
Formosa MS
SL12-MS FORMOSA-SL12-MS Datasheet
61Kb / 7P
   SMD Low VF Schottky Barrier Rectifier
logo
Comchip Technology
CDBL120L COMCHIP-CDBL120L Datasheet
70Kb / 2P
   Low VF SMD Schottky Barrier Rectifier
CDBM120L-G COMCHIP-CDBM120L-G Datasheet
598Kb / 2P
   Low VF SMD Schottky Barrier Rectifier
logo
Formosa MS
SL22-MS FORMOSA-SL22-MS Datasheet
56Kb / 7P
   SMD Low VF Schottky Barrier Rectifier
logo
Pan Jit International I...
SB30100LYT PANJIT-SB30100LYT_16 Datasheet
140Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR24ALF PANJIT-SR24ALF Datasheet
165Kb / 5P
   LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SP20U50L JINANJINGHENG-SP20U50L Datasheet
63Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR160L JINANJINGHENG-SR160L Datasheet
63Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR260L JINANJINGHENG-SR260L Datasheet
62Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com