전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLC7530S-101ML_ 데이터시트(PDF) 1 Page - Coilcraft lnc.

부품명 SLC7530S-101ML_
상세설명  Shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COILCRAFT [Coilcraft lnc.]
홈페이지  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SLC7530S-101ML_ 데이터시트(HTML) 1 Page - Coilcraft lnc.

  SLC7530S-101ML_ Datasheet HTML 1Page - Coilcraft lnc. SLC7530S-101ML_ Datasheet HTML 2Page - Coilcraft lnc. SLC7530S-101ML_ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Shielded Power Inductors – SLC7530
Document 366-1
Document 366-1 Revised 09/15/15
Dual Conductor
Leads connected in parallel
Leads connected in series
L±20%2 DCR ±5%3 SRF typ4 Isat5
Irms6
L±20%2 DCR max3 SRF typ4 Isat5
Irms6
Part number1
(µH)
(mOhms)
(GHz)
(A)
(A)
(µH)
(mOhms)
(GHz)
(A)
(A)
SLC7530D-500ML_
0.050
0.209
3.75
50
38
0.188
1.00
1.50
21
17
SLC7530D-640ML_
0.064
0.209
3.65
32
38
0.272
1.00
1.30
14
17
SLC7530D-820ML_
0.082
0.209
3.75
22
38
0.350
1.00
1.20
11
17
SLC7530D-101ML_
0.100
0.209
3.75
20
38
0.400
1.00
0.950
8
17
1. When ordering, please specify
termination and packaging codes:
SLC7530S-101MLC
Termination: L = RoHS compliant matte tin over nickel over copper
Special order: T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (500 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (1700 parts per
full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms using an Agilent/HP 4263B LCR
meter or equivalent.
Single Conductor
L±20%2 DCR ±5%3 SRF typ4 Isat5
Irms6
Part number1
(µH)
(mOhms)
(GHz)
(A)
(A)
SLC7530S-500ML_
0.050
0.123
3.80
50
40
SLC7530S-640ML_
0.064
0.123
3.65
32
40
SLC7530S-820ML_
0.082
0.123
3.75
22
40
SLC7530S-101ML_
0.100
0.123
3.75
20
40
3. DCR is measured on a micro-ohmmeter at points indicated in the diagram.
Points used for measuring DCR
4. SRF measured using an Agilent/HP 8753ES network analyzer and a
Coilcraft SMD-D fixture.
5. DC current at 25°C that causes a 20% (typ) inductance drop from its
value without current. Click for temperature derating information.
6. Current that causes a 40°C temperature rise from 25°C ambient. This
information is for reference only and does not represent absolute maxi-
mum ratings. Click for temperature derating information.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kit C379 contains 3 each of all values.
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant matte tin over nickel over copper.
Other terminations available at additional cost.
Weight: 0.44 – 0.47 g
Ambient temperature –40°C to +85°C with (40°C rise)
Irms current.
Maximum part temperature +125°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 500/7
″ reel; 1700/13″ reel; Plastic tape: 16 mm wide,
0.33 mm thick, 12 mm pocket spacing, 3.12 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Designed for high-speed switch mode applications
• Can be used as a 1:1 transformer or in SEPIC applications


유사한 부품 번호 - SLC7530S-101ML_

제조업체부품명데이터시트상세설명
logo
Coilcraft lnc.
SLC7530S-101MLB COILCRAFT-SLC7530S-101MLB Datasheet
167Kb / 3P
   Shielded Power Inductors - SLC7530
SLC7530S-101MLC COILCRAFT-SLC7530S-101MLC Datasheet
167Kb / 3P
   Shielded Power Inductors - SLC7530
SLC7530S-101MLD COILCRAFT-SLC7530S-101MLD Datasheet
167Kb / 3P
   Shielded Power Inductors - SLC7530
SLC7530S-101ML_ COILCRAFT-SLC7530S-101ML_ Datasheet
429Kb / 3P
   Shielded Power Inductors
More results

유사한 설명 - SLC7530S-101ML_

제조업체부품명데이터시트상세설명
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com