전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK1010 데이터시트(PDF) 1 Page - Inchange Semiconductor Company Limited

부품명 2SK1010
상세설명  Drain Current ?밒D=6A@ TC=25C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1010 데이터시트(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SK1010 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1010 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
2SK1010
DESCRIPTION
·Drain Current
–I
D=6A@ TC=25℃
·Drain Source Voltage-
: VDSS= 500V(Min)
APPLICATIONS
·Designed for high voltage, high speed power switching
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
500
V
VGS
Gate-Source Voltage
±30
V
ID
Drain Current-continuous@ TC=25℃
6
A
Ptot
Total Dissipation@TC=25℃
80
W
Tj
Max. Operating Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.56
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
75
℃/W
PDF pdfFactory Pro
www.fineprint.cn


유사한 부품 번호 - 2SK1010

제조업체부품명데이터시트상세설명
logo
Fuji Electric
2SK1010-01 FUJI-2SK1010-01 Datasheet
168Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
More results

유사한 설명 - 2SK1010

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SK1082 ISC-2SK1082 Datasheet
69Kb / 2P
   Drain Current ?밒D=6A@ TC=25C
2SK950 ISC-2SK950 Datasheet
67Kb / 2P
   Drain Current ?밒D= 6A@ TC=25C
2SK529 ISC-2SK529 Datasheet
66Kb / 2P
   Drain Current ?밒D=2A@ TC=25C
2SK635 ISC-2SK635 Datasheet
64Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK1680 ISC-2SK1680 Datasheet
67Kb / 2P
   Drain Current ?밒D=20A@ TC=25C
2SK1461 ISC-2SK1461 Datasheet
68Kb / 2P
   Drain Current ?밒D=5A@ TC=25C
2SK1544 ISC-2SK1544 Datasheet
67Kb / 2P
   Drain Current ?밒D=25A@ TC=25C
2SK1526 ISC-2SK1526 Datasheet
67Kb / 2P
   Drain Current ?밒D=40A@ TC=25C
2SK1563 ISC-2SK1563 Datasheet
64Kb / 2P
   Drain Current ?밒D=12A@ TC=25C
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com