전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK1011 데이터시트(PDF) 2 Page - Inchange Semiconductor Company Limited

부품명 2SK1011
상세설명  Drain Current ?밒D=10A@ TC=25C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1011 데이터시트(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SK1011 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1011 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel Mosfet Transistor
2SK1011
·ELECTRICAL CHARACTERISTICS (T
C=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 1mA
450
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID=1mA
2.5
3.5
5.0
V
RDS(on)
Drain-Source On-stage Resistance
VGS=10V; ID= 5A
0.5
0.65
Ω
IGSS
Gate Source Leakage Current
VGS= ±30V;VDS= 0
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS= 450V; VGS= 0
500
uA
VSD
Forward On-Voltage
IS=10A; VGS=0
1.1
1.5
V
tr
Rise time
VGS=10V;ID=10A;
RL=25Ω
80
120
ns
ton
Turn-on time
110
165
ns
tf
Fall time
80
120
ns
toff
Turn-off time
240
360
ns
PDF pdfFactory Pro
www.fineprint.cn


유사한 부품 번호 - 2SK1011

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SK1010 ISC-2SK1010 Datasheet
66Kb / 2P
   Drain Current ?밒D=6A@ TC=25C
logo
Fuji Electric
2SK1010-01 FUJI-2SK1010-01 Datasheet
168Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
logo
Inchange Semiconductor ...
2SK1012 ISC-2SK1012 Datasheet
68Kb / 2P
   Drain Current ?밒D=10A@ TC=25C
logo
Fuji Electric
2SK1012-01 FUJI-2SK1012-01 Datasheet
169Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
logo
Inchange Semiconductor ...
2SK1013 ISC-2SK1013 Datasheet
69Kb / 2P
   Drain Current ?밒D=13A@ TC=25C
More results

유사한 설명 - 2SK1011

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SK1012 ISC-2SK1012 Datasheet
68Kb / 2P
   Drain Current ?밒D=10A@ TC=25C
2SK631 ISC-2SK631 Datasheet
64Kb / 2P
   Drain Current ?밒D=10A@ TC=25C
2SK757 ISC-2SK757 Datasheet
66Kb / 2P
   Drain Current ?밒D=10A@ TC=25C
2SK1660 ISC-2SK1660 Datasheet
69Kb / 2P
   Drain Current ?밒D=10A@ TC=25C
2SK633 ISC-2SK633 Datasheet
64Kb / 2P
   Drain Current ?밒D=10A@ TC=25C
2SK634 ISC-2SK634 Datasheet
64Kb / 2P
   Drain Current ?밒D=10A@ TC=25C
2SK751 ISC-2SK751 Datasheet
64Kb / 2P
   Drain Current ?밒D= 10A@ TC=25C
2SK1378 ISC-2SK1378 Datasheet
66Kb / 2P
   Drain Current ?밒D=10A@ TC=25C
2SK1488 ISC-2SK1488 Datasheet
66Kb / 2P
   Drain Current ?밒D=10A@ TC=25C
2SK1515 ISC-2SK1515 Datasheet
67Kb / 2P
   Drain Current ?밒D=10A@ TC=25C
2SK724 ISC-2SK724 Datasheet
58Kb / 2P
   Drain Current ?밒D=10A@ TC=25C
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com