전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4729A 데이터시트(PDF) 3 Page - Comchip Technology

부품명 1N4729A
상세설명  1.0W Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1N4729A 데이터시트(HTML) 3 Page - Comchip Technology

  1N4729A Datasheet HTML 1Page - Comchip Technology 1N4729A Datasheet HTML 2Page - Comchip Technology 1N4729A Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.comchiptech.com
COMCHIP
COMCHIP
MDS0312003A
Page 2
1.0W Zener Diode
1.0W Zener Diode
Ratings and Characteristic Curves (TA = 25°C unless otherwise noted)
0
0.2
0.4
0.6
0.8
1.0
0
40
80
120
160
200
T , AMBIENT TEMPERATURE
A
Fig.1 Power Dissipation vs Ambient Temperature
0
250
0
5
15
20
25
30
l, Lead Length (mm)
Fig.2 Typical Thermal Resistance vs. Lead Length
10
200
50
100
150
1
10
100
1000
110
100
V , ZENER VOLTAGE (V)
Z
Fig.4 Typical Zener Impedance vs. Zener Voltage
I = 1mA
Z
2mA
10mA
20mA
5mA
1
10
100
1000
010
20
30
40
50
60
V , ZENER VOLTAGE (V)
Z
Fig.3, Junction Capacitance vs Zener Voltage
f= 1MHz
T = 25C
A
V = 0V
R
V = 2V
R
V = 5V
R
V = 20V
R
V = 30V
R


유사한 부품 번호 - 1N4729A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
1N4729A PHILIPS-1N4729A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4729A VISHAY-1N4729A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
SEMTECH ELECTRONICS LTD...
1N4729A SEMTECH_ELEC-1N4729A Datasheet
302Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4729A NJSEMI-1N4729A Datasheet
185Kb / 1P
   1 WATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
logo
Continental Device Indi...
1N4729A CDIL-1N4729A Datasheet
154Kb / 4P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
More results

유사한 설명 - 1N4729A

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
1N4728A DIODES-1N4728A_08 Datasheet
124Kb / 3P
   1.0W ZENER DIODE
logo
Won-Top Electronics
1N4728A WTE-1N4728A Datasheet
44Kb / 4P
   1.0W ZENER DIODE
logo
Diodes Incorporated
1N4728A DIODES-1N4728A_1 Datasheet
451Kb / 4P
   1.0W ZENER DIODE
DS18007 Rev. 16 - 2
logo
Zibo Seno Electronic En...
1N4764A ZSELEC-1N4764A Datasheet
109Kb / 2P
   1.0W ZENER DIODE
logo
Diodes Incorporated
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com