전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CBC-EVAL-05B 데이터시트(PDF) 6 Page - Cymbet Corporation

부품명 CBC-EVAL-05B
상세설명  EnerChip CC with Integrated Power Management
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYMBET [Cymbet Corporation]
홈페이지  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC-EVAL-05B 데이터시트(HTML) 6 Page - Cymbet Corporation

Back Button CBC-EVAL-05B Datasheet HTML 2Page - Cymbet Corporation CBC-EVAL-05B Datasheet HTML 3Page - Cymbet Corporation CBC-EVAL-05B Datasheet HTML 4Page - Cymbet Corporation CBC-EVAL-05B Datasheet HTML 5Page - Cymbet Corporation CBC-EVAL-05B Datasheet HTML 6Page - Cymbet Corporation CBC-EVAL-05B Datasheet HTML 7Page - Cymbet Corporation CBC-EVAL-05B Datasheet HTML 8Page - Cymbet Corporation CBC-EVAL-05B Datasheet HTML 9Page - Cymbet Corporation CBC-EVAL-05B Datasheet HTML 10Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
EnerChip CC CBC3105
©2012-2014 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-21 Rev G
Page 6 of 12
Preliminary
CHARGE PUMP CHARACTERISTICS
VDD = 2.5V to 5.5V, Ta = -20ºC to +70ºC
CHARACTERISTIC
SYMBOL
CONDITION
MIN
MAX
UNITS
ENABLE=VDD to Charge
Pump Active
tCPON
ENABLE to 3rd charge pump
pulse, VDD=3.3V
60
80
µs
ENABLE Falling to
Charge Pump Inactive
tCPOFF
-
0
1
µs
Charge Pump Frequency
fCP
-
120
KHz (1)
Charge Pump
Resistance
RCP
Delta VBAT, for IBAT charging
current of 1µA to 100µA
CFLY=0.1µF, CBAT=1.0µF
150
300
VCHG Output Voltage
VCP
CFLY=0.1µF, CBAT=1.0µF,
IOUT=1µA, Temp=+25ºC
4.075
4.125
V
VCHG Temp. Coefficient
TCCP
IOUT=1µA, Temp=+25ºC
-2.0
-2.4
mV/ºC
Charge Pump Current
Drive
ICP
IBAT=1mA
CFLY=0.1µF, CBAT=1.0µF
1.0
-
mA
Charge Pump on Voltage
VENABLE
ENABLE=VDD
2.5
-
V
(1) fCP = 1/tCPPER
ADDITIONAL CHARACTERISTICS
Ta = -20ºC to +70ºC
CHARACTERISTIC
SYMBOL
CONDITION
LIMITS
UNITS
MIN
MAX
VBAT Cutoff Threshold
VBATCO
IOUT=1µA
2.75
3.25
V
Cutoff Temp. Coefficient
TCCO
-
+1
+2
mV/ºC
VBAT Cutoff Delay Time
tCOOFF
VBAT from 40mV above to
20mV below VBATCO
IOUT=1µA
18
-
ms
VOUT Dead Time, VDD
Rising (2)
tRSBR
IOUT=1mA
VBAT=4.1V
0.2
2.0
µs
VOUT Dead Time, VDD
Falling (2)
tRSBF
VBAT=4.1V
0.2
2.0
µs
Bypass Resistance
ROUT
-
-
2.5
(2) Dead time is the time period when the VOUT pin is floating. Size the holding capacitor accordingly.
Note: All specifications contained within this document are subject to change without notice


유사한 부품 번호 - CBC-EVAL-05B

제조업체부품명데이터시트상세설명
logo
Cymbet Corporation
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
817Kb / 7P
   EnerChip CC Evaluation Kit
More results

유사한 설명 - CBC-EVAL-05B

제조업체부품명데이터시트상세설명
logo
Cymbet Corporation
CBC3105 CYMBET-CBC3105 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
CBC3112 CYMBET-CBC3112 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
DS-72-04 CYMBET-DS-72-04 Datasheet
1Mb / 16P
   EnerChip CC with Integrated Power Management
CBC3150-D9C CYMBET-CBC3150-D9C Datasheet
1Mb / 15P
   EnerChip CC with Integrated Power Management
CBC3150 CYMBET-CBC3150 Datasheet
935Kb / 16P
   EnerChip CC with Integrated Power Management
CBC3112-D7C CYMBET-CBC3112-D7C Datasheet
1Mb / 15P
   EnerChip CC with Integrated Power Management
AN-1041 CYMBET-AN-1041 Datasheet
292Kb / 3P
   EnerChip CC Li-Ion Battery Charger with Integrated Energy Storage
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
817Kb / 7P
   EnerChip CC Evaluation Kit
CBC-EVAL-10 CYMBET-CBC-EVAL-10 Datasheet
1Mb / 15P
   EnerChip??CC Energy Harvester Evaluation Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
1Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com