전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CBC050-BDC-WP 데이터시트(PDF) 5 Page - Cymbet Corporation

부품명 CBC050-BDC-WP
상세설명  Rechargeable Solid State Bare Die Batteries
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYMBET [Cymbet Corporation]
홈페이지  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC050-BDC-WP 데이터시트(HTML) 5 Page - Cymbet Corporation

  CBC050-BDC-WP Datasheet HTML 1Page - Cymbet Corporation CBC050-BDC-WP Datasheet HTML 2Page - Cymbet Corporation CBC050-BDC-WP Datasheet HTML 3Page - Cymbet Corporation CBC050-BDC-WP Datasheet HTML 4Page - Cymbet Corporation CBC050-BDC-WP Datasheet HTML 5Page - Cymbet Corporation CBC050-BDC-WP Datasheet HTML 6Page - Cymbet Corporation CBC050-BDC-WP Datasheet HTML 7Page - Cymbet Corporation CBC050-BDC-WP Datasheet HTML 8Page - Cymbet Corporation CBC050-BDC-WP Datasheet HTML 9Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
EnerChip™ Bare Die Batteries
©2016 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-41 Rev06
Page 5 of 13
Preliminary
CBC050 Charging Characteristics
The EnerChip can be recharged quickly. The following graphs illustrate the correlation between charging time
and charging current into a discharged cell, and also the cumulative charge vs. charging time. Both graphs are
typical based on constant 4.1V charging at room temperature. Charging time increases at lower temperature.
EnerChip Temperature Characteristics
EnerChip cell resistance increases (decreases) with decreasing (increasing) temperature. The following graph
represents typical cell resistance over the rated operating temperature range.


유사한 부품 번호 - CBC050-BDC-WP

제조업체부품명데이터시트상세설명
logo
Cymbet Corporation
CBC050-BDC-WP CYMBET-CBC050-BDC-WP Datasheet
1,001Kb / 4P
   Rechargeable Solid State Energy Storage: 50uAh, 3.8V
CBC050-BDC-WP CYMBET-CBC050-BDC-WP Datasheet
985Kb / 4P
   Rechargeable Solid State Energy Storage: 50關Ah, 3.8V
More results

유사한 설명 - CBC050-BDC-WP

제조업체부품명데이터시트상세설명
logo
TDK Electronics
B73180A0101M062 TDK-B73180A0101M062 Datasheet
151Kb / 2P
   SMD Solid-State Batteries
April 06, 2022
logo
Panasonic Battery Group
NBL414 PANASONICBATTERY-NBL414 Datasheet
26Kb / 1P
   Niobium-Lithium Rechargeable Batteries
logo
Cymbet Corporation
CBC012 CYMBET-CBC012 Datasheet
695Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
CBC050 CYMBET-CBC050 Datasheet
1,001Kb / 4P
   Rechargeable Solid State Energy Storage: 50uAh, 3.8V
DS-72-02 CYMBET-DS-72-02 Datasheet
679Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
logo
Panasonic Battery Group
MT621 PANASONICBATTERY-MT621 Datasheet
37Kb / 1P
   Manganese Titanium Lithium Rechargeable Batteries
MT516 PANASONICBATTERY-MT516 Datasheet
27Kb / 1P
   Manganese Titanium Lithium Rechargeable Batteries
logo
List of Unclassifed Man...
ML2016 ETC2-ML2016 Datasheet
134Kb / 4P
   Lithium Manganese Dioxide Rechargeable Batteries
logo
Silicon Supplies
BC546 SS-BC546 Datasheet
362Kb / 4P
   NPN Transistor Bare Die
2N3799 SS-2N3799 Datasheet
256Kb / 3P
   PNP Transistor Bare Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com