전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5173ED8 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 CS5173ED8
상세설명  1.5 A 280 kHz/560 kHz Boost Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5173ED8 데이터시트(HTML) 6 Page - ON Semiconductor

Back Button CS5173ED8 Datasheet HTML 2Page - ON Semiconductor CS5173ED8 Datasheet HTML 3Page - ON Semiconductor CS5173ED8 Datasheet HTML 4Page - ON Semiconductor CS5173ED8 Datasheet HTML 5Page - ON Semiconductor CS5173ED8 Datasheet HTML 6Page - ON Semiconductor CS5173ED8 Datasheet HTML 7Page - ON Semiconductor CS5173ED8 Datasheet HTML 8Page - ON Semiconductor CS5173ED8 Datasheet HTML 9Page - ON Semiconductor CS5173ED8 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CS5171, CS5172, CS5173, CS5174
http://onsemi.com
6
TYPICAL PERFORMANCE CHARACTERISTICS
0
Temperature (
°C)
Figure 3. ICC (No Switching) vs. Temperature
7.2
7.0
6.8
6.6
6.4
6.2
6.0
5.8
VCC = 30 V
5.6
50
100
VCC = 12 V
VCC = 2.7 V
0
Temperature (
°C)
Figure 4.
DICC/ DIVSW vs. Temperature
70
60
50
40
30
20
10
50
100
VCC = 30 V
VCC = 12 V
VCC = 2.7 V
ISW = 1.5 A
0
ISW (mA)
Figure 5. VCE(SAT) vs. ISW
1200
1000
800
600
400
200
0
500
1000
−40
°C
85
°C
25
°C
Temperature (
°C)
Figure 6. Minimum Input Voltage vs. Temperature
1.5
1.6
1.7
1.8
1.9
0
100
50
Temperature (
°C)
Figure 7. Switching Frequency vs. Temperature
(CS5171/2 only)
255
260
265
270
275
0
100
50
280
285
Temperature (
°C)
Figure 8. Switching Frequency vs. Temperature
(CS5173/4 only)
540
545
550
555
560
0
100
50
565
570
535
530
525
520


유사한 부품 번호 - CS5173ED8

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS5173ED8 ONSEMI-CS5173ED8 Datasheet
230Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
CS5173ED8G ONSEMI-CS5173ED8G Datasheet
230Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
More results

유사한 설명 - CS5173ED8

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV5171 ONSEMI-NCV5171_11 Datasheet
238Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2011 ??Rev. 4
NCV5171 ONSEMI-NCV5171_10 Datasheet
262Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 4
CS5171 ONSEMI-CS5171_10 Datasheet
283Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 23
CS5171 ONSEMI-CS5171_06 Datasheet
230Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
NCP1442 ONSEMI-NCP1442 Datasheet
163Kb / 20P
   4.0 A 280 kHz/560 kHz Boost Regulators
October, 2004 ??Rev. 7
NCV5171 ONSEMI-NCV5171_V01 Datasheet
332Kb / 20P
   Boost Converters - Automotive 1.5 A 280 kHz/560 kHz
March, 2022 - Rev. 7
NCV5171 ONSEMI-NCV5171 Datasheet
189Kb / 19P
   1.5 A 280 kHz Boost Regulators
November, 2006 ??Rev. 1
NCP5173 ONSEMI-NCP5173 Datasheet
161Kb / 18P
   1.5 A 560 kHz-1.0 MHz Boost Regulator
September, 2004 ??Rev. 1
NCP5173 ONSEMI-NCP5173_06 Datasheet
437Kb / 17P
   1.5 A 560 kHz??.0 MHz Boost Regulator
July, 2006 ??Rev. 2
CS51411 ONSEMI-CS51411_07 Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com