전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSA4157 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FSA4157
상세설명  Low Voltage 1OHM SPDT Analog Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA4157 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FSA4157 Datasheet HTML 1Page - Fairchild Semiconductor FSA4157 Datasheet HTML 2Page - Fairchild Semiconductor FSA4157 Datasheet HTML 3Page - Fairchild Semiconductor FSA4157 Datasheet HTML 4Page - Fairchild Semiconductor FSA4157 Datasheet HTML 5Page - Fairchild Semiconductor FSA4157 Datasheet HTML 6Page - Fairchild Semiconductor FSA4157 Datasheet HTML 7Page - Fairchild Semiconductor FSA4157 Datasheet HTML 8Page - Fairchild Semiconductor FSA4157 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
www.fairchildsemi.com
FSA4157, FSA4157A Rev. 1.0.1
Analog Symbols
Truth Table
H = HIGH Logic Level
L = LOW Logic Level
Pin Descriptions
1
6
B1
S
2
5
GND
VCC
3
4
B0
A
Pin Assignment for SC70
(Top View)
1
6
B1
S
2
5
GND
VCC
3
4
B0
A
Pin Assignment for MicroPak
(Top Through View)
Control Input(s)
Function
LB0 Connected to A
HB1 Connected to A
Pin Names
Function
A, B0, B1
Data Ports
S
Control Input


유사한 부품 번호 - FSA4157

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSA4157 FAIRCHILD-FSA4157 Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
logo
ON Semiconductor
FSA4157 ONSEMI-FSA4157 Datasheet
376Kb / 13P
   Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
logo
Fairchild Semiconductor
FSA4157A FAIRCHILD-FSA4157A Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
FSA4157AL6X FAIRCHILD-FSA4157AL6X Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
logo
ON Semiconductor
FSA4157AL6X ONSEMI-FSA4157AL6X Datasheet
376Kb / 13P
   Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
More results

유사한 설명 - FSA4157

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX4624EUT MAXIM-MAX4624EUT Datasheet
218Kb / 11P
   1ohm, Low-Voltage, Single-Supply SPDT Analog Switches
Rev 2; 5/01
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
   Low-Voltage SPDT Analog Switch
logo
ON Semiconductor
FSA4157 ONSEMI-FSA4157 Datasheet
376Kb / 13P
   Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
FSA5157 ONSEMI-FSA5157 Datasheet
502Kb / 14P
   Low-Voltage SPDT Analog Switch
February 2008 Rev. 1.0.3
logo
Union Semiconductor, In...
UM3156 UNIONSEMI-UM3156 Datasheet
390Kb / 9P
   Low-Voltage SPDT Analog Switch
UM3156 UNIONSEMI-UM3156_14 Datasheet
273Kb / 9P
   Low-Voltage SPDT Analog Switch
UM3157 UNIONSEMI-UM3157_14 Datasheet
270Kb / 8P
   Low-Voltage SPDT Analog Switch
UM3157 UNIONSEMI-UM3157 Datasheet
350Kb / 8P
   Low-Voltage SPDT Analog Switch
logo
Vishay Siliconix
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
   Low-Voltage Single SPDT Analog Switch
Rev. C, 13-Jun-11
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 10-Nov-00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com