전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS2098L120 데이터시트(PDF) 2 Page - High Voltage Power Solutions, Inc.

부품명 CS2098L120
상세설명  High Voltage Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HVPSI [High Voltage Power Solutions, Inc.]
홈페이지  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

CS2098L120 데이터시트(HTML) 2 Page - High Voltage Power Solutions, Inc.

  CS2098L120 Datasheet HTML 1Page - High Voltage Power Solutions, Inc. CS2098L120 Datasheet HTML 2Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VERSION: 6.0
EFFECTIVE: 06 JULY 2015
PAGE: 2 OF 2
INFO
@DEANTECHNOLOGY.COM
WWW
.DEANTECHNOLOGY.COM
+1.972.248.7691
2098Series
NOTICE: This power supply requires adequate ground connection for operation. Failure
to provide ground may result in failure of the power supply and/or electrical shock.
PartNumber
InputVoltage
OutputVoltage
Polarity
OutputPower
MaximumOutput
Current
100%
50%Tap
CS2098L120+14
120VAC
14kV
7kV
Positive
350Watts
25mA
Note:The2098Seriescomesstandardat14kVoutputbutisadjustablebetween10kVand14kVbyuseofaninternalpotentiometer.
Instructionsforthisoperationareavailablewitheachunit.Contactthefactoryforadditionaldetails.
Applications:
IndustrialElectrostaticAirCleaners
Mechanical:
InputVoltageTermination:TerminalBlockinsideenclosure
OutputTermination:#10studsinsideenclosure
Mounting:4each.438x.700holesforwallmountingapplicationsviaflangetopandbottom
Enclosure:Metal,NEMA1,withhingedcoverandknockouts
OperatingTemperatureRange:0°Cto+60°C
StorageTemperatureRange:-40°Cto+85°C


유사한 부품 번호 - CS2098L120

제조업체부품명데이터시트상세설명
logo
High Voltage Power Solu...
CS2098 HVPSI-CS2098 Datasheet
86Kb / 2P
   HIGH VOLTAGE POWER SUPPLIES
More results

유사한 설명 - CS2098L120

제조업체부품명데이터시트상세설명
logo
High Voltage Power Solu...
ACN2132L8 HVPSI-ACN2132L8 Datasheet
56Kb / 2P
   HIGH VOLTAGE POWER SUPPLIES
ACN2234L25 HVPSI-ACN2234L25_15 Datasheet
515Kb / 2P
   High Voltage Power Supplies
ACN2422L10 HVPSI-ACN2422L10_15 Datasheet
608Kb / 2P
   High Voltage Power Supplies
logo
TDK Electronics
203L-5KV-POS-3P480 TDK-203L-5KV-POS-3P480 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203L-15KV-NEG-3P208 TDK-203L-15KV-NEG-3P208 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 07, 2022
203L-15KV-POS-3P400 TDK-203L-15KV-POS-3P400 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203S-15KV-NEG-3P208 TDK-203S-15KV-NEG-3P208 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203S-1KV-POS-3P480 TDK-203S-1KV-POS-3P480 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203S-2KV-NEG-3P208 TDK-203S-2KV-NEG-3P208 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203L-30KV-POS-3P208 TDK-203L-30KV-POS-3P208 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
203L-40KV-NEG-3P208 TDK-203L-40KV-NEG-3P208 Datasheet
78Kb / 1P
   High Voltage Power Supplies
April 08, 2022
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com