전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC145200 데이터시트(PDF) 2 Page - Motorola, Inc

부품명 MC145200
상세설명  2.0 GHz PLL Frequency Synthesizers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145200 데이터시트(HTML) 2 Page - Motorola, Inc

  MC145200 Datasheet HTML 1Page - Motorola, Inc MC145200 Datasheet HTML 2Page - Motorola, Inc MC145200 Datasheet HTML 3Page - Motorola, Inc MC145200 Datasheet HTML 4Page - Motorola, Inc MC145200 Datasheet HTML 5Page - Motorola, Inc MC145200 Datasheet HTML 6Page - Motorola, Inc MC145200 Datasheet HTML 7Page - Motorola, Inc MC145200 Datasheet HTML 8Page - Motorola, Inc MC145200 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
MC145200
•MC145201
MOTOROLA
2
ENB
REFin
Din
CLK
REFout
fin
fin
OSC OR
4–STAGE
DIVIDER
(CONFIGURABLE)
20
1
18
19
11
10
OUTPUT A
INPUT
AMP
SELECT
LOGIC
3
13
24
13–STAGE R COUNTER
64/65
PRESCALER
MODULUS
CONTROL
LOGIC
12–STAGE
N COUNTER
6–STAGE
A COUNTER
INTERNAL
CONTROL
SHIFT
REGISTER
AND
CONTROL
LOGIC
STANDBY
LOGIC
POR
BitGrabber
™ A REGISTER
24 BITS
BitGrabber
™ C REGISTER
8 BITS
DOUBLE–BUFFERED
BitGrabber
™ R REGISTER
16 BITS
PHASE/FREQUENCY
DETECTOR B AND CONTROL
PHASE/FREQUENCY
DETECTOR A AND CONTROL
LOCK DETECTOR
AND CONTROL
6
12
4
2
LD
Rx
PDout
φR
φV
OUTPUT B
(OPEN–DRAIN
OUTPUT)
TEST 2
TEST 1
9
15
13
4
3
6
8
2
16
SUPPLY CONNECTIONS:
PIN 12 = VCC (V+ TO INPUT AMP AND 64/65 PRESCALER)
PIN 5 = VPD (V+ TO PHASE/FREQUENCY DETECTORS A AND B)
PIN 14 = VDD (V+ TO BALANCE OF CIRCUIT)
PIN 7 = GND (COMMON GROUND)
17
DATA OUT
fR
fV
PORT
BLOCK DIAGRAM
MAXIMUM RATINGS* (Voltages Referenced to GND, unless otherwise stated)
Symbol
Parameter
Value
Unit
VCC,
VDD
DC Supply Voltage (Pins 12 and 14)
– 0.5 to + 6.0
V
VPD
DC Supply Voltage (Pin 5)
MC145200
MC145201
VDD – 0.5 to + 9.5
VDD – 0.5 to + 6.0
V
Vin
DC Input Voltage
– 0.5 to VDD + 0.5
V
Vout
DC Output Voltage
(except OUTPUT B, PDout, φR, φV)
– 0.5 to VDD + 0.5
V
Vout
DC Output Voltage (OUTPUT B, PDout, φR, φV)
– 0.5 to VPD + 0.5
V
Iin, IPD
DC Input Current, per Pin (Includes VPD)
± 10
mA
Iout
DC Output Current, per Pin
± 20
mA
IDD
DC Supply Current, VDD and GND Pins
± 30
mA
PD
Power Dissipation, per Package
300
mW
Tstg
Storage Temperature
– 65 to + 150
°C
TL
Lead Temperature,
1 mm from Case for 10 seconds
260
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteristics tables
or Pin Descriptions section.
This device contains protection circuitry to
guard against damage due to high static volt-
ages or electric fields. However, precautions
must be taken to avoid applications of any volt-
age higher than maximum rated voltages to
this high–impedance circuit.


유사한 부품 번호 - MC145200

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC145202 MOTOROLA-MC145202 Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202D MOTOROLA-MC145202D Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202DT MOTOROLA-MC145202DT Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202EVK MOTOROLA-MC145202EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
MC145202F MOTOROLA-MC145202F Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
More results

유사한 설명 - MC145200

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC7219 SANYO-LC7219 Datasheet
310Kb / 14P
   PLL Frequency Synthesizers?
LC72140 SANYO-LC72140 Datasheet
364Kb / 20P
   PLL Frequency Synthesizers
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23