전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK1638 데이터시트(PDF) 2 Page - Inchange Semiconductor Company Limited

부품명 2SK1638
상세설명  Drain Current ?밒D= 3A@ TC=25C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1638 데이터시트(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SK1638 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1638 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel Mosfet Transistor
2SK1638
·ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0; ID= 10mA
900
V
VGS(th)
Gate Threshold Voltage
VDS=10 VGS; ID=1mA
2.0
3.0
4.0
V
RDS(on)
Drain-Source On-stage Resistance
VGS=10V; ID=2A
5.5
Ω
IGSS
Gate Source Leakage Current
VGS= ±30V;VDS= 0
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS=900V; VGS= 0
500
uA
PDF pdfFactory Pro
www.fineprint.cn


유사한 부품 번호 - 2SK1638

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SK163 HITACHI-2SK163 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK163 HITACHI-2SK163 Datasheet
34Kb / 6P
   Silicon N-Channel MOS FET
logo
NEC
2SK163 NEC-2SK163 Datasheet
39Kb / 2P
   Field Effect Transistor
logo
Inchange Semiconductor ...
2SK1630 ISC-2SK1630 Datasheet
64Kb / 2P
   Drain Current ?밒D= 3A@ TC=25C
2SK1631 ISC-2SK1631 Datasheet
66Kb / 2P
   Drain Current ?밒D= 3A@ TC=25C
More results

유사한 설명 - 2SK1638

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
2SK635 ISC-2SK635 Datasheet
64Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK846 ISC-2SK846 Datasheet
67Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK1554 ISC-2SK1554 Datasheet
61Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK1565 ISC-2SK1565 Datasheet
64Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK1356 ISC-2SK1356 Datasheet
62Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK538 ISC-2SK538 Datasheet
64Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK726 ISC-2SK726 Datasheet
57Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK1073 ISC-2SK1073 Datasheet
67Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK961 ISC-2SK961 Datasheet
65Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK1601 ISC-2SK1601 Datasheet
66Kb / 2P
   Drain Current ?밒D= 3A@ TC=25C
2SK1074 ISC-2SK1074 Datasheet
68Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com