전자부품 데이터시트 검색엔진 |
|
SN74AUC2G66YEPR 데이터시트(PDF) 3 Page - Texas Instruments |
|
SN74AUC2G66YEPR 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 16 page SN74AUC2G66 DUAL BILATERAL ANALOG SWITCH SCES507 − NOVEMBER 2003 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 4) MIN MAX UNIT VCC Supply voltage 0.8 2.7 V VCC = 0.8 V VCC VIH High-level input voltage VCC = 1.1 V to 1.95 V 0.65 × VCC V VIH High-level input voltage VCC = 2.3 V to 2.7 V 1.7 V VCC = 0.8 V 0 VIL Low-level input voltage VCC = 1.1 V to 1.95 V 0.35 × VCC V VIL Low-level input voltage VCC = 2.3 V to 2.7 V 0.7 V VI/O I/O port voltage 0 VCC V VI Control input voltage 0 3.6 V VCC = 0.8 V to 1.65 V† 20 ∆t/∆v Input transition rise or fall rate VCC = 1.65 V to 2.3 V‡ 20 ns/V ∆t/∆v Input transition rise or fall rate VCC = 2.3 V to 2.7 V‡ 20 ns/V TA Operating free-air temperature −40 85 °C † The data was taken at CL = 15 pF, RL = 2 kΩ (see Figure 1). ‡ The data was taken at CL = 30 pF, RL = 500 Ω (see Figure 1). NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC MIN TYP§ MAX UNIT VI = VCC or GND, IS = 4 mA 1.1 V 17 40 ron On-state switch resistance VI = VCC or GND, VC = VIH (see Figures 1 and 2) IS = 4 mA 1.65 V 7 20 Ω ron On-state switch resistance VC = VIH (see Figures 1 and 2) IS = 8 mA 2.3 V 4 15 Ω VI = VCC to GND, IS = 4 mA 1.1 V 131 180 ron(p) Peak on resistance VI = VCC to GND, VC = VIH (see Figures 1 and 2) IS = 4 mA 1.65 V 32 80 Ω ron(p) Peak on resistance VC = VIH (see Figures 1 and 2) IS = 8 mA 2.3 V 15 20 Ω Difference of on-state resistance VI = VCC to GND, IS = 4 mA 1.1 V 3 ∆ron Difference of on-state resistance between switches VI = VCC to GND, VC = VIH (see Figures 1 and 2) IS = 4 mA 1.65 V 1 Ω ∆ron between switches VC = VIH (see Figures 1 and 2) IS = 8 mA 2.3 V 1 Ω IS(off) Off-state switch leakage current VI = VCC and VO = GND, or VI = GND and VO = VCC, 2.7 V ±1 A IS(off) Off-state switch leakage current ICC O VI = GND and VO = VCC, VC = VIL (see Figure 3) 2.7 V ±0.1† µA IS(on) On-state switch leakage current VI = VCC or GND, VC = VIH, VO = Open 2.7 V ±1 A IS(on) On-state switch leakage current VI = VCC or GND, VC = VIH, VO = Open (see Figure 4) 2.7 V ±0.1† µA II Control input current VI = VCC or GND 0 to 2.7 V ±5 µA ICC Supply current VI = VCC or GND, IO = 0 0.8 V to 2.7 V 10 µA Cic Control input capacitance 2.5 V 2.5 pF Cio(off) Switch input/output capacitance 2.5 V 3 pF Cio(on) Switch input/output capacitance 2.5 V 7 pF § TA = 25°C |
유사한 부품 번호 - SN74AUC2G66YEPR |
|
유사한 설명 - SN74AUC2G66YEPR |